Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9381F-S0A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9381F-S0A2E
Description  3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9381F-S0A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9381F-S0A2E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9381F-S0A2E Datasheet HTML 2Page - Advantech Co., Ltd. PCM-9381F-S0A2E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 09-Nov-2009
Features
PCM-9381
3.5" SBC with Intel® Pentium® M,
VGA, LVDS, DVI, LAN, USB
Embedded Intel® Pentium® M/Celeron® M processor
Supports ECC DDR memory support
Supports 36-bit LVDS (48-bit LVDS optional)/VGA
+5 V and +12 V power; or single +5 V power
Supports Embedded Software API and Utility
LAN
SIR
CRT
FAN
USB
Primary IDE
USB
Power
LVDS
Audio
PCI-104
SODIMM
(Solder side)
COM2
LPT
COM1
KB/Mouse
CF
(Solder side)
LCD converter
GPIO
HDD LED
DVI
Specifications
Processor System
CPU
Socket 478
Intel Celeron M 600 MHz
Intel Celeron M 1 GHz
Front Side Bus
400 MHz
400 MHz
400 MHz
L2 Cache
depends on CPU
512 KB
512 KB
Chipset
Intel 855GME + ICH4
Intel 855GME + ICH4
Intel 855GME + ICH4
BIOS
Award 4 Mbit
Award 4 Mbit
Award 4 Mbit
Memory
Technology
DDR 200/266/333 MHz
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I/II
Coastline I/O
VGA
1
COM
1
RJ-45
1
USB
1
K/B, Mouse
1
Internal I/O
LPT
1
RS-232
-
RS-232/422/485
1
K/B
-
Mouse
-
USB
2 x USB 2.0
Audio
AC97, Line-in, Line-out, Mic-in
IrDA
115 kbps, SIR, IrDA 1.0 compliant (optional)
GPIO
4-bit general purpose Input/Output
SMBus
Supported
EIDE
Mode
UDMA 33
Channel
1
Expansion Slot
PCI-104
1
Ethernet
Speed
10/100 Mbps
10/100/1000 Mbps (optional)
Controller
Intel 82551QM (with wake on LAN)
Intel 82541PI (Gigabit)
Interface
1 x RJ-45
Display
Controller
Intel 855GME/GMCH
VRAM
Optimized Shared Memory Architecture up to 64 MB system memory
LVDS LCD
1 x 36-bit LVDS (48-bit optional)
Dual Independent Display
CRT + LVDS, CRT + DVI, LVDS + DVI
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
10% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
ATX: +5 V ± 5%, ±12 V ± 5%
AT: 5V only to boot up (12 V is optional for LCD inverter and add on card)
Power Consumption
Typical (WinXP Idle Mode): +5 V @ 3.0 A, +12 V @ 0.04 A
Max (Test in HCT): +5 V @ 4.26 A, +12 V @ 0.13 A
Power Management
APM1.2, ACPI2.0, wake on LAN, and modem ring-in functions
Battery
Lithium 3 V / 196 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.85 kg (1.87 lb), weight of total package
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Monitoring
BIOS flash
Software APIs:
Utility:
SMBus CPU Speed System
Throttling


Similar Part No. - PCM-9381F-S0A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-00A2E ADVANTECH-PCM-9380F-00A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-M0A2E ADVANTECH-PCM-9380F-M0A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9380F-S0A2E ADVANTECH-PCM-9380F-S0A2E Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCM-9382 ADVANTECH-PCM-9382 Datasheet
1Mb / 3P
   3.5" Biscuit with Intel Core??2 Duo/VGA, LVDS, LAN, USB, SATA, SSD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com