Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9361L-S6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9361L-S6A1E
Description  3.5" Biscuit with Intel짰 Atom N270/VGA, LVDS, TTL, LAN, USB, SATA, SSD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9361L-S6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9361L-S6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9361L-S6A1E Datasheet HTML 2Page - Advantech Co., Ltd. PCM-9361L-S6A1E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Single Board Computers
All product specifications are subject to change without notice
Last updated : 09-Nov-2009
Features
PCM-9361
3.5" Biscuit with Intel® Atom N270/VGA,
LVDS, TTL, LAN, USB, SATA, SSD
Intel Atom N270+ 945GSE+ ICH7M
Support 18-bit TTL/VGA/36-bit LVDS1/48-bit LVDS2 (including Wide screen)
Support Giga LAN/HD Audio
Supports up to 2 COM ports, 5 USB 2.0 ports, 2 SATA Interfaces
Supports Embedded Software API and Utility
Supports OS: Win XP embedded, Win XP Pro, WinCE6.0, Linux, QNX
Specifications
Processor System
CPU
Intel® Atom™ Processor N270 1.60 GHz
Front Side Bus
533 MHz
L2 Cache
512 KB
Chipset
Intel® 945GSE
BIOS
Award 4 Mbit
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
SSD
CompactFlash
Card Type I/II
Coastline I/O
VGA
1
COM
1 (RS-232)
RJ-45
1
USB
1
K/B, Mouse
1
Internal I/O
RS-232/422/485
1
K/B
-
Mouse
-
USB
4 x USB 2.0
Audio
High Definition Audio (HD), Lin-in, Lin-out, Mic-in
GPIO
8-bit general purpose Input/Output
SMBus
Supported
SATA
Max. Data Transfer Rate
150 MB/s
Channel
2
Expansion Slot
PCI-104
1
Ethernet
Speed
10/100/1000 Mbps
Controller
Realtek 8110SC
Interface
1 x RJ-45
Display
Controller
Intel 945GSE
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
LVDS2 wide screen support: EX:1366 x 768 (24-bits), 1440 x 900 (48-bits), 1680 x 1050 (48-bits), 1920 x 1080 (48-bits)
LVDS LCD
1 x 36-bit LVDS1, 1 x 48-bit LVDS2 (PCM-9361EVG-S6A1E)
TTL LCD
1 x 18-bit TTL
Dual Independent Display
CRT + LVDS, CRT + TTL
Environment
Operation Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
10% ~ 90% relative humidity, non-condensing
Power
Power Type
AT / ATX
Power Supply Voltage
ATX: +5 V ± 5%, ±12 V ± 5%
AT: 5V only to boot up (12 V is optional for LCD inverter and add on card)
Power Consumption
Typical (WinXP Idle Mode): +5 V @ 1.9 A, +12 V @ 0.07 A
Max (Test in HCT): +5 V @ 2.38 A, +12 V @ 0.09 A
Power Management
APM1.2, ACPI3.0, wake on LAN, and modem ring-in functions
Battery
Lithium 3 V / 210 mAH
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.85 kg (1.87 lb), weight of total package
NEW
COM2
PCI-104
Audio
SATA
USB
Power
LVDS
Inverter
USB
TTL
COM1
KB/Mouse
LAN
SMBus
VGA
LPT
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
BIOS flash
Software APIs:
Utility:
SMBus CPU Speed System
Throttling


Similar Part No. - PCM-9361L-S6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9361L-S6A1E ADVANTECH-PCM-9361L-S6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N270 3.5" SBC, Dual LVDS, TTL, VGA, GbE, USB, SATA, PCI-104
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com