Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-5528S-C350-SBS Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # DL-5528S-C350-SBS
Description  1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5528S-C350-SBS Datasheet(HTML) 4 Page - Optoway Technology Inc

  DL-5528S-C350-SBS Datasheet HTML 1Page - Optoway Technology Inc DL-5528S-C350-SBS Datasheet HTML 2Page - Optoway Technology Inc DL-5528S-C350-SBS Datasheet HTML 3Page - Optoway Technology Inc DL-5528S-C350-SBS Datasheet HTML 4Page - Optoway Technology Inc DL-5528S-C350-SBS Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
DL-5500-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
ORDER INFORMATION
Part No.: D
L
− 5 5 □ □ □ − C □ □ 0 −
S
Code
Pout (mW)
Code Wavelength
Code
Isolator
2
1
27
1270 nm
S
Single-Stage
3
2
29
1290 nm
4
3
31
1310 nm
33
1330 nm
Code
PIN Assignment
35
1350 nm
0
Type A
37
1370 nm
Code
Connector Type
5
Type B
39
1390 nm
F
FC/PC
8
Type C
41
1410 nm
FB
FC/PC (Board Mount)
43
1430 nm
T
ST/PC
Code
Speed
45
1450 nm
S
SC/PC
Blank
1.25 Gbps
47
1470 nm
SB
SC/PC (Board Mount)
S
2.5 Gbps
49
1490 nm
51
1510 nm
53
1530 nm
55
1550 nm
57
1570 nm
59
1590 nm
61
1610 nm


Similar Part No. - DL-5528S-C350-SBS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5528S-C350-SBS OPTOWAY-DL-5528S-C350-SBS Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
More results

Similar Description - DL-5528S-C350-SBS

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0 Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0_09 Datasheet
81Kb / 4P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com