Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66457P0000X192 Datasheet(PDF) 4 Page - EPCOS

Part # B66457P0000X192
Description  Ferrites and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66457P0000X192 Datasheet(HTML) 4 Page - EPCOS

  B66457P0000X192 Datasheet HTML 1Page - EPCOS B66457P0000X192 Datasheet HTML 2Page - EPCOS B66457P0000X192 Datasheet HTML 3Page - EPCOS B66457P0000X192 Datasheet HTML 4Page - EPCOS B66457P0000X192 Datasheet HTML 5Page - EPCOS B66457P0000X192 Datasheet HTML 6Page - EPCOS B66457P0000X192 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/06
Please read Cautions and warnings and
Important notes
at the end of this document.
Core set EELP 32
Combination: ELP 32/6/20 with ELP 32/6/20
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics
(per set)
Σl/A = 0.32 mm–1
le
= 41.4 mm
Ae = 130 mm2
Amin = 128 mm2
Ve = 5390 mm3
Approx. weight
28 g/set
Ungapped
Calculation factors
(for formulas, see “E cores: general information”, page 372)
EELP 32:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 150 nH < AL < 1000 nH
Material
AL value
nH
μe
PV
W/set
Ordering code
(per piece)
N49
3900
±25%
990
< 1.40 ( 50 mT, 500 kHz, 100 °C)
B66457G0000X149
N92
4300
±25%
1030
< 3.70 (200 mT, 100 kHz, 100 °C)
B66457G0000X192
N87
5700
±25%
1450
< 3.40 (200 mT, 100 kHz, 100 °C)
B66457G0000X187
N97
5700
±25%
1440
< 2.60 (200 mT, 100 kHz, 100 °C)
B66457G0000X197
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
208
–0.819
367
–0.796
322
–0.873
FEK0403-W
31.75±0.65
25.4±0.5
6.35±0.15
ELP 32/6/20
B66457
Core and accessories (without clamp recess)
ELP 32/6/20


Similar Part No. - B66457P0000X192

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457-G-X149 EPCOS-B66457-G-X149 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457-G-X187 EPCOS-B66457-G-X187 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66457G EPCOS-B66457G Datasheet
336Kb / 11P
   Ferrites and accessories
B66457G0000X149 EPCOS-B66457G0000X149 Datasheet
336Kb / 11P
   Ferrites and accessories
More results

Similar Description - B66457P0000X192

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com