Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66357 Datasheet(PDF) 2 Page - EPCOS

Part # B66357
Description  Ferrites and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66357 Datasheet(HTML) 2 Page - EPCOS

  B66357 Datasheet HTML 1Page - EPCOS B66357 Datasheet HTML 2Page - EPCOS B66357 Datasheet HTML 3Page - EPCOS B66357 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Round center leg particularly suitable
for use of thick winding wires or tapes
For compact winding design with
low leakage inductance
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.35 mm–1
le
= 90 mm
Ae
= 256 mm2
Amin = 252 mm2
Ve
= 23000 mm3
Approx. weight 119 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.15 mm < s < 3.50 mm
K3, K4: 180 nH < AL < 1800 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
5600 +30/–20%
1560
< 4.4 (200 mT, 25 kHz, 100 °C)
B66357G0000X127
N87
5800 +30/–20%
1620
< 12.5 (200 mT, 100 kHz, 100 °C)
B66357G0000X187
Material
g
mm
AL value
approx.
nH
µ
e
Ordering code
N27
0.50
±0.05
620
173
B66357G0500X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
360
–0.786
635
–0.847
590
–0.865
N87
360
–0.786
616
–0.796
574
–0.873
B66357
Core
ER 54/18/18


Similar Part No. - B66357

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66357 EPCOS-B66357 Datasheet
76Kb / 2P
   ER 54/18/18 Core
B66357 EPCOS-B66357 Datasheet
220Kb / 7P
   Ferrites and accessories
B66357-G-X127 EPCOS-B66357-G-X127 Datasheet
76Kb / 2P
   ER 54/18/18 Core
B66357-G-X187 EPCOS-B66357-G-X187 Datasheet
76Kb / 2P
   ER 54/18/18 Core
B66357-G500-X127 EPCOS-B66357-G500-X127 Datasheet
76Kb / 2P
   ER 54/18/18 Core
More results

Similar Description - B66357

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com