Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW2022R18JL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW2022R18JL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW2022R18JL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW2022R18JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW2022R18JL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
400
0.25
1600
500
56.0± 5%
220.0± 5%
180.0± 5%
150.0± 5%
120.0± 5%
100.0± 5%
82.0± 5%
68.0± 5%
100
50
60
60
100
100
150
500
500
500
1.00
860
0.78
0.56
0.48
0.43
0.32
0.27
900
950
1100
1200
1350
1450
400
47.0± 5%
39.0± 5%
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
10.0± 5%
12.0± 5%
15.0± 5%
8.2± 5%
4.7±0.3
2.2±0.3
( nH )
Inductance
DWG No.
SW20222N2DL□-□□□
60
200
Test Freq. ( MHz )
min.
50
Q
1000
1000
250
L
1000
Q
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
500
0.10
3600
0.15
0.18
0.15
0.12
2600
1700
2100
2400
3300
3400
400
500
0.08
0.06
0.06
0.06
max.
( Ω )
RDC
5800
4100
4800
5500
6000
( MHz )
min.
SRF
600
500
500
500
800
max.
( mA )
60
60
60
60
60
50
50
50
150
150
200
200
250
250
250
250
250
250
250
250
250
250
250
500
500
500
500
500
500
500
500
500
250
250
250
0.08
0.08
0.08
500
500
500
600
600
600
600
600
600
600
SW20224N7DL□-□□□
SW20228N2JL□-□□□
SW202210NJL□-□□□
SW202212NJL□-□□□
SW202215NJL□-□□□
SW202218NJL□-□□□
SW202222NJL□-□□□
SW202227NJL□-□□□
SW202233NJL□-□□□
SW202239NJL□-□□□
SW202247NJL□-□□□
SW202256NJL□-□□□
SW202268NJL□-□□□
SW202282NJL□-□□□
SW2022R10JL□-□□□
SW2022R12JL□-□□□
SW2022R15JL□-□□□
SW2022R18JL□-□□□
SW2022R22JL□-□□□
SW2022R27JL□-□□□
SW2022R33JL□-□□□
SW2022R39JL□-□□□
100
100
270.0± 5%
330.0± 5%
45
45
250
250
800
850
1.65
1.46
300
350
390.0± 5%
100
45
250
780
2.20
210
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF : 20080711-A
PAGE: 2
SW20223N9DL□-□□□
3.9±0.3
6000
60
250
1000
600
0.06
6.8± 5%
SW20226N8JL□-□□□
SW20225N6JL□-□□□
5.6± 5%
0.06
600
1000
250
60
5500
5800
60
250
1000
600
0.08
SW2022□□□□L□-□□□
PROD.
NAME
WOUND CHIP INDUCTOR
2.7±0.3
SW20222N7DL□-□□□
250
35
1000
6000
0.08
800
60
60
60
60
60
60
60
1). □:Packaging Information… A:Bulk
B:Taping Reel
SW20223N3DL□-□□□
3.3±0.3
6000
60
250
1000
0.08
800
2)."-
":Reference code
□ □
SW20225N1JL□-□□□
5.1± 5%
5800
60
250
1000
600
0.08
IDC
AR-001A


Similar Part No. - SW2022R18JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R56K2 ABC-SW2022R56K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R68K2 ABC-SW2022R68K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R82K2 ABC-SW2022R82K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
More results

Similar Description - SW2022R18JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com