Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW3225R82JL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SW3225R82JL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW3225R82JL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SW3225R82JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW3225R82JL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
Polysol 155
Polysol 160
Polysol 180
Polysol 170
Polysol-N 180
Polysol 155p
Polysol 155g
Polysol-N 155
Amldester 200
Estersol 160
Mtl Dsg
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Ⅹ﹒
UL CARD:
Magnet Wire-Comporent
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
OBMW2
WOUND CHIP INDUCTOR
AR-001A
NAME
PROD.
REF :
130
MW-79
____
Polyurechane
Pg155
P170 or G170
Pp155,Gp155
PN180
P160
P180
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
Nylon
____
____
____
MW-79
____
MW-79
MW-79
MW-79
156
180
155
155
155
SW3225□□□□L□-□□□
ABC'S ITEM NO.
August 27, 1999
ABC'S DWG NO.
Mark Dsg
A200
P155
PN155
E180
BC
Polyurechane
Polyurechane
(solderable)
Polyesterimide
Polyesterimide
Coating Type
E143312
Typ
OC
____
Nylon
____
____
MW-74
MW-79,
MW-79
MW-28
MW-80,
MW-77
ANSI
Class
200
155,
130
100
155,
180
Temp
SPECIFICATION FOR APPROVAL
PAGE: 8


Similar Part No. - SW3225R82JL

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW3205 SEMIPOWER-SW3205 Datasheet
696Kb / 7P
   N-channel MOSFET
logo
ZIEHL industrie-elektro...
SW32V ZIEHL-SW32V Datasheet
302Kb / 2P
   Universal voltage monitor SW32V Over- and undervoltage for DC-, AC- and 3AC voltages
More results

Similar Description - SW3225R82JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com