Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5969A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5969A
Description  IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5969A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5969A Datasheet HTML 1Page - Maxim Integrated Products MAX5969A Datasheet HTML 2Page - Maxim Integrated Products MAX5969A Datasheet HTML 3Page - Maxim Integrated Products MAX5969A Datasheet HTML 4Page - Maxim Integrated Products MAX5969A Datasheet HTML 5Page - Maxim Integrated Products MAX5969A Datasheet HTML 6Page - Maxim Integrated Products MAX5969A Datasheet HTML 7Page - Maxim Integrated Products MAX5969A Datasheet HTML 8Page - Maxim Integrated Products MAX5969A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IEEE 802.3af/at-Compliant, Powered Device Interface
Controllers with Integrated Power MOSFET
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDD to VSS ..........................................................-0.3V to +100V
DET, RTN, WAD, PG, 2EC to VSS .......................-0.3V to +100V
CLS to VSS ..............................................................-0.3V to +6V
Maximum Current on CLS (100ms maximum).................100mA
Continuous Power Dissipation (TA = +70NC) (Note 1)
10-Pin TDFN (derate 24.4mW/NC above +70NC)
Multilayer Board ........................................................1951mW
Package Thermal Resistance (Note 2)
B
JA.................................................................................4NC/W
B
JC ................................................................................9NC/W
Operating Temperature Range.......................... -40NC to +85NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) .................................... +260NC
ELECTRICAL CHARACTERISTICS
(VIN = (VDD - VSS) = 48V, RDET = 24.9kω, RCLS = 615ω. RTN, WAD, PG, and 2EC unconnected, all voltages are referenced to VSS,
unless otherwise noted. TA = TJ = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 3)
ABSOLUTE MAXIMUM RATINGS
Note 1: Maximum power dissipation is obtained using JEDEC JESD51-5 and JESD51-7 specifications.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DETECTION MODE
Input Offset Current
IOFFSET
VIN = 1.4V to 10.1V (Note 4)
10
F
A
Effective Differential Input
Resistance
dR
VIN = 1.4V up to 10.1V with 1V step,
VDD = RTN = WAD = PG = 2EC (Note 5)
23.95
25.00
25.5
kI
CLASSIFICATION MODE
Classification Disable
Threshold
VTH,CLS
VIN rising (Note 6)
22.0
22.8
23.6
V
Classification Stability Time
0.2
ms
Classification Current
ICLASS
VIN = 12.5V to
20.5V, VDD =
RTN = WAD =
PG = 2EC
Class 0, RCLS = 619I
0
3.96
mA
Class 1, RCLS = 117I
9.12
11.88
Class 2, RCLS = 66.5I
17.2
19.8
Class 3, RCLS = 43.7I
26.3
29.7
Class 4, RCLS = 30.9I
36.4
43.6
Class 5, RCLS = 21.3I
52.7
63.3
TYPE 2 (802.3at) CLASSIFICATION MODE
Mark Event Threshold
VTHM
VIN falling
10.1
10.7
11.6
V
Hysteresis on Mark Event
Threshold
0.84
V
Mark Event Current
IMARK
VIN falling to enter mark event, 5.2V P VIN
P
10.1V
0.25
0.85
mA
Reset Event Threshold
VTHR
VIN falling
2.8
4
5.2
V
POWER MODE
VIN Supply Voltage Range
60
V
VIN Supply Current
IQ
Measured at VDD
0.27
0.55
mA


Similar Part No. - MAX5969A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
MAX5969A MAXIM-MAX5969A Datasheet
828Kb / 9P
   PD Detection and Configurable Classification Signatures
Rev 0; 3/10
MAX5969A MAXIM-MAX5969A Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969AETB++ MAXIM-MAX5969AETB+ Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969AEVKIT MAXIM-MAX5969AEVKIT Datasheet
1Mb / 11P
   IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
More results

Similar Description - MAX5969A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
MAX5969D MAXIM-MAX5969D Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
19-5926; Rev 0; 6/11
MAX5972A MAXIM-MAX5972A Datasheet
1Mb / 13P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controller with Integrated Power MOSFET
Rev 1; 2/10
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Maxim Integrated Produc...
MAX5995A MAXIM-MAX5995A_V01 Datasheet
1Mb / 28P
   IEEE 802.3bt-Compliant, Powered Device Interface Controllers with Integrated 91W High-Power MOSFET
2019
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com