Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU50182R2YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU50182R2YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU50182R2YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU50182R2YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU50182R2YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
10
5)﹒Irms base on Temp. rise 30℃ max.
(uH)
AR-001A
10
10
-2
10
0
5
10
1
DC Current (A)
-1
10
55
4R7Y
100Y
470Y
101Y
2
5
L
10
5
0
1
5
10
SPECIFICATION FOR APPROVAL
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
4)﹒Isat base on △L / LOA=35% typ.
3)﹒Inductance Test Freq.:100KHz / 0.1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
POWER INDUCTOR
SU5018470YL□-□□□
47.0 ± 30 %
SU5018680YL□-□□□
SU5018101YL□-□□□
2)﹒"-
":Reference code
68.0 ± 30 %
100.0 ± 30 %
SU5018100YL□-□□□
SU5018150YL□-□□□
SU5018330YL□-□□□
SU5018220YL□-□□□
SU50184R7YL□-□□□
SU50186R8YL□-□□□
15.0 ± 30 %
33.0 ± 30 %
22.0 ± 30 %
10.0 ± 30 %
4.7 ± 30 %
6.8 ± 30 %
PROD.
NAME
REF :
SU50182R2YL□-□□□
SU50181R5YL□-□□□
SU50183R5YL□-□□□
SU50181R0YL□-□□□
DWG No.
1.0 ± 30 %
2.2 ± 30 %
1.5 ± 30 %
3.5 ± 30 %
( μH )
Inductance
SHIELDED SMD
@ Inductance vs. DC Current curve
2.52M 330.0
100K
13.0
430.0
2.52M
796K
3
100K
100K
15.0
12.0
620.0
480.0
780.0
620.0
2.52M
2.52M
2.52M
2.52M
7.96M
7.96M
100K
12.0
100K
100K
13.0
12.0
100K
100K
100K
7.5
12.0
8.5
100.0
130.0
220.0
160.0
290.0
210.0
50.0
65.0
36.0
65.0
85.0
47.0
540
450
18
360
310
370
320
15
16
800
560
650
1050
1200
1550
950
40
660
680
23
28
1250
1450
2000
60
50
80
( MHz )
SU5018□□□□L□-□□□
7.96M
7.96M
7.96M
7.96M
100K
9.0
100K
100K
100K
10.0
9.0
9.0
ref.
Q
( Hz )
L
Q
Test Freq.
12.5
16.5
20.5
32.0
15.5
27.0
42.0
20.5
RDC
( mΩ )
typ.
max.
ABC'S ITEM NO.
ABC'S DWG NO.
2100
2400
1700
Isat
typ.
( mA )
2850
2800
200
2300
2500
2100
130
90
160
Irms
( mA )
typ.
SRF
max.
PAGE: 2
20080804-A


Similar Part No. - SU50182R2YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU5011100YL ABC-SU5011100YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011101YL ABC-SU5011101YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011150YL ABC-SU5011150YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU50111R5YL ABC-SU50111R5YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU5011220YL ABC-SU5011220YL Datasheet
137Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU50182R2YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com