Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5661GCB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5661GCB+
Description  Single 16-Bit DAC with Current and Voltage Outputs for Industrial Analog Output Modules
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5661GCB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5661GCB+ Datasheet HTML 4Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 5Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 6Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 7Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 8Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 9Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 10Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 11Page - Maxim Integrated Products MAX5661GCB+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Single 16-Bit DAC with Current and Voltage
Outputs for Industrial Analog Output Modules
8
________________________________________________________________________________________
SCLK
DIN
DOUT
tCSO
tCL
tDO
tDV
tCSS
tDH
tDS
tCH
tCP
LDAC
tCSLD
tLDL
tDV
tCS1
tSCS
tCSH
tCSW
CS
Figure 1. Serial-Interface Timing Diagram
Typical Operating Characteristics
(
Typical Operating Circuit, VCC = +5V, CCOMPI = 22nF, VDDV = VDDCORE = +15V, VSSV = -15V, VDDI = +24V, VREF = +4.096V,
VAGND = VDGND = 0V, RSERIES = 47Ω, OUTV loaded with 2kΩ || 100pF to AGND, OUTI loaded with 500Ω to AGND, TA = +25°C.)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
16,384
32,768
49,152
65,536
INL vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
UNIPOLAR VOLTAGE OUTPUT
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
16,384
32,768
49,152
65,536
INL vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
BIPOLAR VOLTAGE OUTPUT
0
16,384
32,768
49,152
65,536
INL vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
-2
0
-1
2
1
4
3
5
0 TO 20mA CURRENT OUTPUT


Similar Part No. - MAX5661GCB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5661 MAXIM-MAX5661 Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX5661 MAXIM-MAX5661 Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVCMAXQU MAXIM-MAX5661EVCMAXQU Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVCMAXQU++ MAXIM-MAX5661EVCMAXQU+ Datasheet
306Kb / 13P
   Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
More results

Similar Description - MAX5661GCB+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5413 AD-AD5413 Datasheet
1Mb / 49P
   Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
Rev. 0
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com