Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU5028150YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SU5028150YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU5028150YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SU5028150YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU5028150YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
155,
MW-79,
P155
Polysol 155
Polyurechane
MW-79
MW-79
MW-79
MW-79
MW-79
MW-79
____
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A
P180
P160
Pg155
Pp155,Gp155
PN180
P170 or G170
See General Information preceding These Recognitions
Polysol 180
Polysol 160
Polysol 155p
Polysol 155g
Polysol-N 180
Polysol 170
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
____
Nylon
____
____
____
130
155
155
155
130
180
156
ABC'S DWG NO.
ABC'S ITEM NO.
ANSI
MW-77
Typ
SPECIFICATION FOR APPROVAL
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
MW-80,
MW-28
MW-74
REF :20091008-B
SHIELDED SMD
E180
Mark Dsg
Magnet Wire-Comporent
POWER INDUCTOR
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
PN155
A200
Estersol 160
Mtl Dsg
Polysol-N 155
Amldester 200
NAME
PROD.
OBMW2
Coating Type
Polyesterimide
Polyesterimide
(solderable)
Polyurechane
BC
____
____
Nylon
____
OC
August 27, 1999
PAGE: 7
E143312
Temp
180
Class
155,
100
200
SU5028□□□□L□-□□□


Similar Part No. - SU5028150YL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU5028150Y2 ABC-SU5028150Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU5028150YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com