Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3028150YL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SU3028150YL
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU3028150YL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SU3028150YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SU3028150YL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
SU3028□□□□L□-□□□
SHIELDED SMD
POWER INDUCTOR
AR-001A
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
50sec max.
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
200
Time ( seconds )
0
100
50
50
200
150
250
150
100
70sec max.
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Rising Area
+4.0
/ sec max.
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
Peak Temperature:
250
260
230
J
:
1.80
ref.
F
:
2.30 typ.
( PCB Pattern Suggestion )
B
:
3.50
±0.20
I
:
1.20
ref.
H
:
4.20
ref.
C
:
2.80
±0.20
D
:
1.10
typ.
E
:
0.50 typ.
G
:
1.30
ref.
A
:
3.30
±0.20
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
c﹒Wire :Enamelled copper wire (class F & H)
b﹒Rated current:
e﹒Resistance to solder heat:260℃.10 secs.
d﹒Operating temp.:-40℃----+105℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ typ.
a﹒Core:Ferrite DR core
b﹒Core:Ferrite RI core
d﹒Adhesive :Epoxy resin
e﹒Terminal:Ag/Ni/Sn
a
Ⅱ﹒SCHEMATIC DIAGRAM:
c
b
d
e
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
Base on temp. rise &
L / L0A=35% typ.
(Black)
Marking
100
f﹒Remark:Products comply with RoHS'
requirements
REF : 20080804-B


Similar Part No. - SU3028150YL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
logo
Tripp Lite. All Rights ...
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU3000RTXL3UN TRIPPLITE-SU3000RTXL3UN Datasheet
512Kb / 5P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 3U Rack/Tower, USB, DB9 Serial
More results

Similar Description - SU3028150YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com