Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU2016470YP Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SU2016470YP
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU2016470YP Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SU2016470YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU2016470YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU2016470YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU2016470YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU2016470YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU2016470YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ⅸ﹒UL CARD:
SPECIFICATION FOR APPROVAL
NAME
PROD.
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 6
AR-001A
POWER INDUCTOR
SHIELDED SMD
October 06, 2005
Marking:Company name, material designation or marked designation and factory identification on package ok reel
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
Polysol 155g
Pg155
Polyurechane
PN180
P170 or G170
Pp155,Gp155
See General Information preceding These Recognitions
Polysol-N 180
Polysol 170
Polysol 180
Polysol 160
Polysol 155p
P180,G180
P160
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
ELEKTRISOLA (MALAYSLA) SDN BHD
Mark Dsg
E180
A200
P155, G155
PN155
DARUL MAKMUR MALAYSIA
Mtl Dsg
Estersol 180
Amldester 200
Polysol-N 155
Polysol 155
BC
(solderable)
Polyurechane
Polyesterimide
Polyesterimide
Polyurechane
Coating Type
Magnet Wire-Comporent
OBMW2
____
130
MW-75
155
180
155
180
155
____
Nylon
____
____
____
MW-79
MW-82
MW-79
MW-79
E143312
Class
Temp
200
180
130
155,
130
155,
OC
Typ
____
Nylon
____
____
MW-74
MW-75
MW-28
MW-80,
MW-79,
MW-77
ANSI
155
MW-79
P155p
Polysol P155p
155
MW-79
MW-83
____
SU2016□□□□P□-□□□
REF :


Similar Part No. - SU2016470YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU2011100YL ABC-SU2011100YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011100YP ABC-SU2011100YP Datasheet
98Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011150YL ABC-SU2011150YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU2011150YP ABC-SU2011150YP Datasheet
98Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20111R0YL ABC-SU20111R0YL Datasheet
442Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU2016470YP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com