Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU1038470YF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SU1038470YF
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SU1038470YF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SU1038470YF Datasheet HTML 1Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 2Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 3Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 4Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 5Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 6Page - ABC Taiwan Electronics Corp SU1038470YF Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AR-001A
Ⅴ﹒ ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 2
POWER INDUCTOR
SHIELDED SMD
@ Inductance VS. DC Superposition Characteristics
DC Current ( A )
100
10
0.01
0.1
1
0.1
3R5
100
1000
101
330
1
10
1R5
Inductance
1.5 ± 30 %
2.2 ± 30 %
5.0 ± 30 %
3.5 ± 30 %
15.0 ± 30 %
22.0 ± 30 %
10.0 ± 30 %
6.2 ± 30 %
33.0 ± 30 %
6)﹒Irms base on Temp. rise 40℃ max.
5)﹒Isat base on △L / LOA=35% typ.
3)﹒Inductance Test Freq.:100KHz / 1V
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
47.0 ± 30 %
68.0 ± 30 %
100.0 ± 30 %
150.0 ± 30 %
330.0 ± 30 %
220.0 ± 30 %
SU1038100YF□
SU1038221YF□
SU1038331YF□
SU1038220YF□
SU1038330YF□
SU1038150YF□
SU1038680YF□
SU1038470YF□
SU1038151YF□
SU1038101YF□
SU10381R5YF□
SU10385R0YF□
SU10383R5YF□
SU10382R2YF□
SU10386R2YF□
DWG No.
( μH )
20
24
3.80
35.0
25.0
3.60
112.0
75.0
50.0
160.0
216.0
740.0
476.0
300.0
1000.0
4
22
565.0
20
3
773.0
8
22
24
20
24
6
5
7
24
20
22
12
10
16
121.0
166.0
358.0
220.0
86.0
55.8
37.0
0.65
0.65
0.52
0.55
2.30
2.70
1.80
0.80
1.10
1.60
1.30
1.65
1.10
0.90
1.30
1.80
2.20
2.80
7.5
15.0
22.0
10.5
24.0
( MHz )
typ.
SRF
12
12
12
14
30
25
55
35
14
ref.
Q
65
11.5
14.5
7.7
16.5
typ.
5.2
( mΩ )
max.
RDC
Isat
7.00
typ.
6.50
4.80
5.50
4.20
( A )
5.50
4.60
6.80
4.00
Irms
max.
7.20
( A )
4)﹒Q Test Freq.:1R5~6R2--7.96MHz , 100~680--2.52MHz , 101~331--0.796MHz
2) ."-
":Reference code
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SU1038□□□□F□-□□□
REF : 20090506-C


Similar Part No. - SU1038470YF

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SU1030100YF ABC-SU1030100YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030101YF ABC-SU1030101YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030150YF ABC-SU1030150YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030151YF ABC-SU1030151YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU1030220YF ABC-SU1030220YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SU1038470YF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com