Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS7045150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS7045150ML
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS7045150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS7045150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS7045150ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.7967
120.0±20%
0.500
0.600
0.420
30
SS7045121ML□-□□□
2.200
1.600
1.000
0.700
0.660
0.700
1.100
0.730
0.480
2.400
1.600
AR-001A
Isat base on △L/L0A=25% typ. (271M~102M)
5). Isat base on △L/L0A=10% typ. (1R0M~221M)
2)."-
":Reference code
1). □:Packaging Information… A:Bulk
B:Taping Reel
4). Irms base on Temp. rise 30
max.
3). L Test Freq.:1KHz / 0.5V
SS7045821ML□-□□□
SS7045102ML□-□□□
SS7045681ML□-□□□
SS7045271ML□-□□□
SS7045561ML□-□□□
SS7045391ML□-□□□
SS7045331ML□-□□□
SS7045471ML□-□□□
SS7045181ML□-□□□
SS7045151ML□-□□□
SS7045221ML□-□□□
1000.0±20%
820.0±20%
680.0±20%
90
26
65
0.252
0.796
0.796
3
3
3
30
270.0±20%
560.0±20%
470.0±20%
390.0±20%
330.0±20%
27
80
27
65
180.0±20%
220.0±20%
150.0±20%
52
44
51
0.796
5
0.796
0.796
0.796
0.796
4
3
5
4
0.796
0.796
0.796
5
5
7
0.250
0.260
0.270
0.150
0.175
0.200
0.300
0.425
0.300
0.320
0.350
0.400
0.200
0.220
0.230
0.250
0.475
0.450
0.530
0.375
0.360
0.410
0.280
0.200
0.130
0.110
0.070
0.050
0.062
0.115
0.082
0.042
0.150
0.210
0.300
0.020
0.022
0.027
0.030
RDC
max.
(Ω)
0.041
0.035
0.036
0.033
SPECIFICATION FOR APPROVAL
35
7.96
12
5.6±20%
SS70455R6ML□-□□□
SS7045270ML□-□□□
SS7045560ML□-□□□
SS7045820ML□-□□□
SS7045101ML□-□□□
SS7045680ML□-□□□
SS7045390ML□-□□□
SS7045330ML□-□□□
SS7045470ML□-□□□
SS7045120ML□-□□□
SS7045180ML□-□□□
SS7045150ML□-□□□
SS7045220ML□-□□□
SS7045100ML□-□□□
SS70458R2ML□-□□□
SS70456R8ML□-□□□
25
2.52
18
27.0±20%
21
56.0±20%
82.0±20%
100.0±20%
68.0±20%
20
40
22
39.0±20%
47.0±20%
33.0±20%
26
29
25
11
2.52
2.52
0.796
2.52
8
8
10
2.52
2.52
2.52
13
11
12
27
12.0±20%
18.0±20%
22.0±20%
15.0±20%
29
26
31
8.2±20%
10.0±20%
6.8±20%
10
30
10
23
2.52
2.52
2.52
2.52
21
18
24
7.96
2.52
7.96
30
25
30
SHIELDED SMD
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
POWER INDUCTOR
SS70453R3ML□-□□□
SS70453R9ML□-□□□
SS70452R2ML□-□□□
SS70454R7ML□-□□□
DWG No.
SS70451R0ML□-□□□
NAME
PROD.
REF : 20090814-C
3.9±20%
4.7±20%
2.2±20%
3.3±20%
12
12
10
12
(uH)
1.0±20%
Inductance
ref.
10
Q
7.96
7.96
7.96
7.96
38
35
50
45
(MHz)
7.96
Test Freq.
(MHz)
typ.
60
SRF
ABC'S ITEM NO.
ABC'S DWG NO.
2.400
2.200
1.250
1.000
0.700
0.850
0.700
0.650
0.770
0.550
0.500
0.600
1.100
0.950
1.150
0.800
0.780
0.900
1.700
1.850
1.500
1.350
1.600
1.375
1.000
1.475
2.100
2.000
2.200
1.850
1.700
2.000
2.750
2.600
2.800
2.800
2.500
2.300
2.600
2.800
(A)
3.500
Irms
(A)
4.500
Isat
PAGE: 2
SS7045□□□□L□-□□□


Similar Part No. - SS7045150ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS7032100ML ABC-SS7032100ML Datasheet
141Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS7032101ML ABC-SS7032101ML Datasheet
141Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS7032102ML ABC-SS7032102ML Datasheet
141Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS7032150ML ABC-SS7032150ML Datasheet
141Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SS7032151ML ABC-SS7032151ML Datasheet
141Kb / 7P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS7045150ML

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com