Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1510500ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # ST1510500ML
Description  SMD TOROIDAL POWER FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1510500ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  ST1510500ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1510500ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ST1510□□□□L□-□□□
Components
200 m/m min.
no component
Leader
400 m/m min.
User direction of feed
no component
Trailer
13±0.5
SMD TOROIDAL POWER FILTER
2) Dimensions : (m/m)
Q'TY (pcs)
3) Q'TY & G.W. Per package :
SPECIFICATION FOR APPROVAL
1) Configuration
2.0±0.5
C
Ⅵ﹒
PACKAGING INFORMATION:
AR-001A
Type
ST1510
200
13 - 32
Style
330
A
End
NAME
PROD.
REF :
Outer : Carton
Inner : Reel
G.W. (gw)
800
13 - 32
Style
21±0.8
BC
800
Q'TY (pcs)
5.0
G.W. (kg)
32
D
34
+0
G
Size (cm)
40 x 40 x 24
-0
100
N
38.4
T
1R2
Carrier tape width : D
Embossed carrier
P: 24m/m
G
4 m/m
1R2
1R2
1R2
ABC'S DWG NO.
ABC'S ITEM NO.
T
Start
D
PAGE: 4
Cover Tape
20070821-A


Similar Part No. - ST1510500ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1510 ETC1-ST1510 Datasheet
31Kb / 2P
   0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
ST1510-500A-000 ETC1-ST1510-500A-000 Datasheet
31Kb / 2P
   0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
ST1510-500G-000 ETC1-ST1510-500G-000 Datasheet
31Kb / 2P
   0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
ST1510-500T-000 ETC1-ST1510-500T-000 Datasheet
31Kb / 2P
   0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
logo
Sangdest Microelectroni...
ST15100 SMC-ST15100 Datasheet
168Kb / 8P
   SCHOTTKY RECTIFIER
More results

Similar Description - ST1510500ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
ST08061R0ML ABC-ST08061R0ML Datasheet
532Kb / 7P
   SMD TOROIDAL POWER FILTER
ST18102R6ML ABC-ST18102R6ML Datasheet
560Kb / 7P
   SMD TOROIDAL POWER FILTER
ST14093R3ML ABC-ST14093R3ML Datasheet
530Kb / 7P
   SMD TOROIDAL POWER FILTER
ST2412100ML ABC-ST2412100ML Datasheet
606Kb / 8P
   SMD TOROIDAL POWER FILTER
ST12094R7ML ABC-ST12094R7ML Datasheet
540Kb / 7P
   SMD TOROIDAL POWER FILTER
ST17112R8ML ABC-ST17112R8ML Datasheet
519Kb / 7P
   SMD TOROIDAL POWER FILTER
ST20122R8ML ABC-ST20122R8ML Datasheet
570Kb / 8P
   SMD TOROIDAL POWER FILTER
logo
Allied Components Inter...
SMTC3726-3R8M-RC ALLIED-SMTC3726-3R8M-RC Datasheet
369Kb / 1P
   SMD TOROIDAL CHOKES
SMTC3752 ALLIED-SMTC3752 Datasheet
1Mb / 1P
   SMD TOROIDAL CHOKE
SMTC3726 ALLIED-SMTC3726 Datasheet
361Kb / 1P
   SMD TOROIDAL CHOKES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com