Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5386 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5386
Description  Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5386 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5386 Datasheet HTML 3Page - Maxim Integrated Products MAX5386 Datasheet HTML 4Page - Maxim Integrated Products MAX5386 Datasheet HTML 5Page - Maxim Integrated Products MAX5386 Datasheet HTML 6Page - Maxim Integrated Products MAX5386 Datasheet HTML 7Page - Maxim Integrated Products MAX5386 Datasheet HTML 8Page - Maxim Integrated Products MAX5386 Datasheet HTML 9Page - Maxim Integrated Products MAX5386 Datasheet HTML 10Page - Maxim Integrated Products MAX5386 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Dual, 256-Tap, Volatile, Low-Voltage
Linear Taper Digital Potentiometers
_______________________________________________________________________________________ 7
Pin Description
Figure 1. Voltage-Divider/Variable-Resistor Configurations
PIN
NAME
FUNCTION
MAX5386
MAX5388
1
3
HB
Resistor B High Terminal. The voltage at HB can be higher or lower than the voltage
at LB. Current can flow in to or out of HB.
2
4
WB
Resistor B Wiper Terminal
3
2
LB
Resistor B Low Terminal. The voltage at LB can be higher or lower than the voltage
at HB. Current can flow in to or out of LB.
4
I.C.
Internally Connected. Connect to GND.
5
1
GND
Ground. Both pins must be grounded.
6, 7, 11, 13
N.C.
No Connection. Not internally connected.
8
5
CS
Active-Low Chip-Select Input
9
6
DIN
Serial-Interface Data Input
10
7
SCLK
Serial-Interface Clock Input
12
8
VDD
Power-Supply Input. Bypass VDD to GND with a 0.1µF capacitor close to the device.
14
HA
Resistor A High Terminal. The voltage at HA can be higher or lower than the voltage
at LA. Current can flow in to or out of HA.
15
9
WA
Resistor A Wiper Terminal
16
10
LA
Resistor A Low Terminal. The voltage at LA can be higher or lower than the voltage
at HA. Current can flow in to or out of LA.
EP
Exposed Pad (TQFN Only). Internally connected to GND. Connect to ground.
H
L
W
VOLTAGE-DIVIDER
CONFIGURATION
VARIABLE-RESISTOR
CONFIGURATION
N.C.
L
W


Similar Part No. - MAX5386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5386 MAXIM-MAX5386 Datasheet
826Kb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 14P
   2.6V to 5.25V Single-Supply Operation
Rev 0; 1/10
MAX5386LATE++ MAXIM-MAX5386LATE+ Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5386LATE++ MAXIM-MAX5386LATE+ Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results

Similar Description - MAX5386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com