Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS12067R5ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS12067R5ML
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12067R5ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS12067R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12067R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHIELDED SMD
AE-001A
NAME
PROD.
REF :
___
___
___
___
___
130
130
0.30
94V-0
130
NC , BK
E4010
130
130
130
130
130
130
130
220
220
130
220
NC , BK
E4810
E400(Y)L , E4008L
NC , BK
0.30
94V-0
94V-0
94V-0
94V-0
0.75
1.5
3.0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.30
0.75
1.5
3.0
0.75
3.0
1.5
___
___
130
130
130
130
130
130
130
130
0
1
0
130
130
130
130
180
200
200
130
130
130
130
3
1
2
220
240
240
3
1
2
___
___
___
___
4
4
4
0
___
___
5
___
___
4
___
___
___
___
4
4
4
0
___
___
4
4
4
0
___
___
___
___
5
___
___
4
___
___
5
___
___
4
___
___
SS1206□□□□L□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
130
130
130
130
Elec
220
220
220
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4008
E4008 , E400X
NC , WT , BK
NC , BK
Mtl Dsg
Col
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
3.0
1.5
3.0
0.75
0.30
1.5
0.75
0.30
Flame
Min
Thk
mm
UL94
Class
POWER INDUCTOR
E54705 (M)
W
___
H
___
130
200
200
180
130
130
130
130
1
130
240
240
220
130
1
2
3
130
130
130
2
3
Mech
with
Imp
RTI
w/o
Imp
I
___
___
___
___
0
4
___
___
4
4
4
___
0
___
4
4
___
___
4
5
___
___
___
5
___
4
___
___
___
___
___
___
HV
A
I
T
R
H
4C
9
5
T
I
D
SPECIFICATION FOR APPROVAL
PAGE: 8


Similar Part No. - SS12067R5ML

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SS120 WILLAS-SS120 Datasheet
281Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE
logo
Nanjing International G...
SS120 DGNJDZ-SS120 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SS120 YFWDIODE-SS120 Datasheet
542Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
logo
Gaomi Xinghe Electronic...
SS120 GXELECTRONICS-SS120 Datasheet
324Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS120 DGNJDZ-SS120 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS12067R5ML

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com