Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5384EZT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5384EZT+T
Description  Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5384EZT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5384EZT+T Datasheet HTML 5Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 6Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 7Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 8Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 9Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 10Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 11Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 12Page - Maxim Integrated Products MAX5384EZT+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
input register, it transfers its contents to the DAC latch
on CS’s low-to-high transition (Figure 3). Note that if CS
is not kept low during the entire 16 SCLK cycles, data
will be corrupted. In this case, reload the DAC latch
with a new 16-bit word. The serial clock (SCLK) can
idle either high or low between transitions. Figure 4
shows the complete 3-wire serial interface transmis-
sion. Table 3 lists serial interface mapping.
Applications Information
Device Powered by an External Reference
Since the MAX5385 generates an output voltage pro-
portional to VDD, a noisy power supply will affect the
accuracy of the on-board reference, thereby affecting
the overall accuracy of the DAC. The circuit in Figure 5
rejects this power-supply noise by powering the device
directly with a precision voltage reference, improving
overall system accuracy. The MAX6103 (+3V, 75ppm)
or the MAX6105 (+5V, 75ppm) precision voltage refer-
ences are ideal choices due to the low power require-
ments of the MAX5385. This solution is also useful
when the required full-scale output voltage is different
from the available supply voltages.
Digital Inputs and Interface Logic
The digital interface for the 8-bit DAC is based on a
3-wire standard that is compatible with SPI, QSPI, and
MICROWIRE interfaces. The three digital inputs (CS, DIN,
and SCLK) load the digital input serially into the DAC.
All the digital inputs include Schmitt-trigger buffers to
accept slow-transition interfaces. This means that opto-
couplers can interface directly to the MAX5383/
MAX5384/MAX5385 without additional external logic.
The digital inputs are compatible with CMOS logic levels
and can be driven with voltages up to +5.5V regardless
of the supply voltage.
Power-Supply Bypassing and Layout
Careful PC board layout is important for best system
performance. To reduce crosstalk and noise injection,
keep analog and digital signals separate. To ensure
that the ground return from GND to the supply ground
is short and low impedance, a ground plane is recom-
mended. Bypass VDD with a 0.1µF capacitor to ground
as close as possible to the device. If the supply is
excessively noisy, connect a 10
Ω resistor in series with
the supply and VDD and add additional capacitance.
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire
Serial Interface in SOT23
_______________________________________________________________________________________
9
Table 3. Serial Interface Mapping
X
= Don’t care
16-BIT SERIAL WORD
ANALOG
MSB
LSB
OUTPUT
FUNCTION
XX00
0000
0000
XXXX
0V
Normal operation
XX00
1111
1111
XXXX
VREF
× (255/256)
Normal operation
XX00
0000
0001
XXXX
VREF
× (1/256)
Normal operation
XX00
1000
0000
XXXX
VREF
× (128/256)
Normal operation
XX01
XXXX
XXXX
XXXX
0V
Shutdown,
1k
Ω to GND
XX10
XXXX
XXXX
XXXX
0V
Shutdown,
100k
Ω to GND
XX11
XXXX
XXXX
XXXX
0V
Shutdown,
1M
Ω to GND
Table 2. Shutdown Modes
DAC CODE
[D13 AND D12]
MODE
OUTPUT RESISTANCE TO
GROUND (
Ω)
MAXIMUM SUPPLY
CURRENT (
µA)
01
Shutdown
1k
1
10
Shutdown
100k
1
11
Shutdown
1M
1


Similar Part No. - MAX5384EZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5384EZT-T MAXIM-MAX5384EZT-T Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5384EZTT MAXIM-MAX5384EZTT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
More results

Similar Description - MAX5384EZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
   Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
   Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
   Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com