Electronic Components Datasheet Search |
|
SS1240100ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp |
|
SS1240100ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp |
4 / 8 page ( 3 ) Q'TY & G.W. Per package Q'TY (pcs) AR-001A Series SS1240 SS1240 500 800 13 - 24 Style 330 A ( 2 ) Dimensions 40 x 40 x 24 50 Outer : Carton 40 x 40 x 24 Q'TY (pcs) Style G.W. (gw) 1,375 2,200 13 - 24 13 - 24 Inner : Reel G.W. (Kg) 2,000 3,200 6.90 11.0 User direction of feed 21±0.8 B 13±0.5 C 24 D +0 26 G Size (cm) T 30.4 -0 N Unit:m/m 2.0±0.5 Ⅵ﹒PACKAGING INFORMATION: POWER INDUCTOR SHIELDED SMD C ∮ Components SPECIFICATION FOR APPROVAL End 200 m/m Min. Leader no component ( 1 ) Configuration REF : 20090505-A PROD. NAME Embossed carrier 400 m/m Min. Carrier tape width : D ※ P:16 m/m 4 m/m 100 100 100 100 100 G Start Trailer no component D T ABC'S DWG NO. ABC'S ITEM NO. Cover tape PAGE: 4 SS1240□□□□L□-□□□ |
Similar Part No. - SS1240100ML |
|
Similar Description - SS1240100ML |