Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5134 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5134
Description  Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5134 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5134 Datasheet HTML 6Page - Maxim Integrated Products MAX5134 Datasheet HTML 7Page - Maxim Integrated Products MAX5134 Datasheet HTML 8Page - Maxim Integrated Products MAX5134 Datasheet HTML 9Page - Maxim Integrated Products MAX5134 Datasheet HTML 10Page - Maxim Integrated Products MAX5134 Datasheet HTML 11Page - Maxim Integrated Products MAX5134 Datasheet HTML 12Page - Maxim Integrated Products MAX5134 Datasheet HTML 13Page - Maxim Integrated Products MAX5134 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
when using the internal reference. Bypass REFO to
GND with a 47pF (maximum 100pF) capacitor.
Alternatively, if heavier decoupling is required, use a
1k
Ω resistor in series with a 1µF capacitor in parallel
with the existing 100pF capacitor. REFO can deliver up
to 100µA of current with no degradation in perfor-
mance. Configure other reference voltages by applying
a resistive potential divider with a total resistance
greater than 33k
Ω from REFO to GND.
External Reference
The external reference input features a typical input
impedance of 113k
Ω and accepts an input voltage
from +2V to AVDD. Connect an external voltage
supply between REFI and GND to apply an ex-
ternal reference. Leave REFO unconnected. Visit
www.maxim-ic.com/products/references for a list of
available external voltage-reference devices.
AVDD as Reference
Connect AVDD to REFI to use AVDD as the reference
voltage. Leave REFO unconnected.
Serial Interface
The MAX5134–MAX5137 3-wire serial interface is com-
patible with MICROWIRE, SPI, QSPI, and DSPs (Figures
2, 3). The interface provides three inputs, SCLK, CS,
and DIN and one output, READY. Use READY to verify
communication or to daisy-chain multiple devices (see
the READY section). READY is capable of driving a
20pF load with a 30ns (max) delay from the falling edge
of SCLK. The chip-select input (CS) frames the serial
data loading at DIN. Following a chip-select input’s
high-to-low transition, the data is shifted synchronously
and latched into the input register on each falling edge
of the serial-clock input (SCLK). Each serial word is 24
bits. The first 8 bits are the control word followed by 16
data bits (MSB first), as shown in Table 1. The serial
input register transfers its contents to the input registers
after loading 24 bits of data. To initiate a new data
transfer, drive CS high, keep CS high for a minimum of
33ns before the next write sequence. The SCLK can be
either high or low between CS write pulses. Figure 1
shows the timing diagram for the complete 3-wire serial-
interface transmission.
Pin-/Software-Compatible,
16-/12-Bit, Voltage-Output DACs
10
______________________________________________________________________________________
24-BIT WORD
CONTROL BITS
DATA BITS
MSB
LSB
C7 C6 C5 C4 C3
C2
C1
C0 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6–D0
DESC
FUNCTION
0
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
NOP
No operation.
0
0
0
0
0
0
0
1
XX
X
X
DAC
3
DAC
2
DAC
1
DAC
0
X
X
LDAC
Move contents of input
to DAC registers
indicated by 1’s. No
effect on registers
indicated by 0’s.
0
0
0
0
0
0
1
0
X
X
X
X
X
X
X
X
X
X
CLR
Software clear.
0
0
0
0
0
0
1
1
XX
X
X
DAC
3
DAC
2
DAC
1
DAC
0
READY_EN
X
Power
Control
Power down DACs
indicated by 1’s.
Set READY_EN = 1 to
enable READY.
0
0
0
0
0
1
0
1
0
0
0
0
0
0
LIN
0
0
0
Linearity Optimize DAC linearity.
0
0
0
1
DAC
3
DAC
2
DAC
1
DAC
0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
Write
Write to selected input
registers (DAC output
not affected).
0
0
1
1
DAC
3
DAC
2
DAC
1
DAC
0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
Write-
through
Write to selected input
and DAC registers,
DAC outputs updated
(writethrough).
0
0
1
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
NOP
No operation.
Table 1. Operating Mode Truth Table*
*
For the MAX5136/MAX5137, DAC2 and DAC3 do not exist. For the MAX5135/MAX5137, D0–D3 are don’t-care bits.


Similar Part No. - MAX5134

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX5134 MAXIM-MAX5134 Datasheet
480Kb / 14P
   MAX5134 Evaluation Kit
Rev 0; 10/08
MAX5134AGTG++ MAXIM-MAX5134AGTG+ Datasheet
372Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX5134EVKIT MAXIM-MAX5134EVKIT Datasheet
480Kb / 14P
   MAX5134 Evaluation Kit
Rev 0; 10/08
More results

Similar Description - MAX5134

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134 MAXIM-MAX5134 Datasheet
372Kb / 19P
   Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 1; 10/08
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
   Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com