Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59053 Datasheet(PDF) 5 Page - EPCOS

Part # B59053
Description  PTC thermistors as heating elements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 5 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS B59053 Datasheet HTML 4Page - EPCOS B59053 Datasheet HTML 5Page - EPCOS B59053 Datasheet HTML 6Page - EPCOS B59053 Datasheet HTML 7Page - EPCOS B59053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Mounting
Electrode must not be scratched before/during/after the mounting process.
Contacts and housing used for assembly with thermistor have to be clean before mounting. Es-
pecially grease or oil must be removed.
When PTC thermistors are encapsulated with sealing material, the precautions given in chapter
"Mounting instructions", "Sealing and potting" must be observed.
When the thermistor is mounted, there must not be any foreign body between the electrode of
the thermistor and the clamping contact.
The minimum force of the clamping contacts pressing against the PTC must be 10 N.
During operation, the thermistor’s surface temperature can be very high. Ensure that adjacent
components are placed at a sufficient distance from the thermistor to allow for proper cooling at
the thermistors.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of thermistor. Be sure that surrounding parts and materials can withstand
this temperature.
Avoid contamination of thermistor surface during processing.
Operation
Use thermistors only within the specified temperature operating range.
Use thermistors only within the specified voltage and current ranges.
Environmental conditions must not harm the thermistors. Use thermistors only in normal at-
mospheric conditions. Avoid use in deoxidizing gases (chlorine gas, hydrogen sulfide gas, am-
monia gas, sulfuric acid gas etc), corrosive agents, humid or salty conditions. Contact with any
liquids and solvents should be prevented.
Be sure to provide an appropriate fail-safe function to prevent secondary product damage
caused by abnormal function (e.g. use VDR for limitation of overvoltage condition).
Heating elements
Metallized round disks, 230 V
A53
Page 5 of 8
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59053 EPCOS-B59053 Datasheet
76Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
B59053 EPCOS-B59053 Datasheet
71Kb / 8P
   PTC thermistors as heating elements
B59053A0050A010 EPCOS-B59053A0050A010 Datasheet
76Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
B59053A0070A010 EPCOS-B59053A0070A010 Datasheet
76Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
B59053A0090A010 EPCOS-B59053A0090A010 Datasheet
76Kb / 3P
   Heating Elements Metallized Round Disks, 230 V
More results

Similar Description - B59053

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59102R0050A010 EPCOS-B59102R0050A010_12 Datasheet
89Kb / 9P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010 Datasheet
213Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010 Datasheet
215Kb / 8P
   PTC thermistors as heating elements
B59102R0050A010 EPCOS-B59102R0050A010 Datasheet
235Kb / 9P
   PTC thermistors as heating elements
B59053A0110A010 EPCOS-B59053A0110A010_12 Datasheet
71Kb / 8P
   PTC thermistors as heating elements
B59041R0080A010 EPCOS-B59041R0080A010_12 Datasheet
77Kb / 8P
   PTC thermistors as heating elements
B59060A0000A010 EPCOS-B59060A0000A010_12 Datasheet
73Kb / 8P
   PTC thermistors as heating elements
logo
Vishay Siliconix
PTCHP12S VISHAY-PTCHP12S Datasheet
62Kb / 2P
   PTC Thermistors for Heating Application
01-Jan-2022
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
   PTC thermistors as point level sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com