Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4209 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4209
Description  Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4209 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4209 Datasheet HTML 6Page - Maxim Integrated Products MAX4209 Datasheet HTML 7Page - Maxim Integrated Products MAX4209 Datasheet HTML 8Page - Maxim Integrated Products MAX4209 Datasheet HTML 9Page - Maxim Integrated Products MAX4209 Datasheet HTML 10Page - Maxim Integrated Products MAX4209 Datasheet HTML 11Page - Maxim Integrated Products MAX4209 Datasheet HTML 12Page - Maxim Integrated Products MAX4209 Datasheet HTML 13Page - Maxim Integrated Products MAX4209 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Ultra-Low Offset/Drift, Precision
Instrumentation Amplifiers with REF Buffer
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
REFIN/MODE
Reference/Shutdown Mode Input. Trimode function is as follows:
Connect to VDD to put the device in shutdown mode.
Connect to an external reference (between VSS + 0.2V and VDD - 1.3V) to buffer the voltage at
REFIN/MODE. Using the REF buffer allows the use of a simple resistor-divider or high-impedance
external reference to set the OUT level at 0mV IN with minimum error.
Connect to VSS to force the internal buffer output into a high-impedance state to allow external direct
drive of REF.
2
IN-
Negative Differential Input
3
IN+
Positive Differential Input
4VSS
Negative Supply Input. Bypass VSS to ground with a 0.1µF capacitor or connect to ground for
single-supply operation.
5
REF
Output Reference Level. REF sets the OUT voltage for zero differential input. The internal buffer
sets the voltage at REF when the voltage at REFIN/MODE is between VSS + 0.2V and VDD - 1.3V.
6FB
Feedback Input. Connect FB to the center tap of an external resistive divider from OUT to REF to
set the gain for the MAX4208. MAX4209 FB is internally connected to gain-setting resistors. Connect
an optional capacitor, CFB, from OUT to FB to reduce autozero noise.
7
OUT
Amplifier Output
8VDD
Positive Supply Input. Bypass VDD to ground with a 0.1µF capacitor.
0.1% SETTLING TIME
vs. GAIN
GAIN (V/V)
10
100
100
1000
10,000
10
1
1000
SETTLING TIME
vs. ACCURACY
ACCURACY (%)
0.10
20
40
60
80
100
120
140
160
180
0
0.01
1.00
G = 100
Typical Operating Characteristics (continued)
(VDD = 5V, VSS = 0V, VCM = VREF = VDD/2, VREFIN/MODE = VSS, RL = 100k
Ω to VDD/2, VDIFF = (VIN+ - VIN-) = 0V, MAX4208 set for
G = 100V/V (R1 = 1k
Ω, R2 = 99kΩ), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4209 MAXIM-MAX4209 Datasheet
250Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4209 MAXIM-MAX4209 Datasheet
94Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4209EVKIT MAXIM-MAX4209EVKIT Datasheet
94Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4209EVKIT++ MAXIM-MAX4209EVKIT+ Datasheet
94Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
MAX4209HAUA++ MAXIM-MAX4209HAUA+ Datasheet
96Kb / 6P
   Configurable Reference Voltage: Externally or Internally Buffered
Rev 0; 9/07
More results

Similar Description - MAX4209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4208 MAXIM-MAX4208 Datasheet
250Kb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
Rev 0; 9/07
MAX4208 MAXIM-MAX4208_V01 Datasheet
1Mb / 17P
   Ultra-Low Offset/Drift, Precision Instrumentation Amplifiers with REF Buffer
2015
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com