Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57885S0103H001 Datasheet(PDF) 9 Page - EPCOS

Part # B57885S0103H001
Description  NTC thermistors for temperature measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57885S0103H001 Datasheet(HTML) 9 Page - EPCOS

Back Button B57885S0103H001 Datasheet HTML 5Page - EPCOS B57885S0103H001 Datasheet HTML 6Page - EPCOS B57885S0103H001 Datasheet HTML 7Page - EPCOS B57885S0103H001 Datasheet HTML 8Page - EPCOS B57885S0103H001 Datasheet HTML 9Page - EPCOS B57885S0103H001 Datasheet HTML 10Page - EPCOS B57885S0103H001 Datasheet HTML 11Page - EPCOS B57885S0103H001 Datasheet HTML 12Page - EPCOS B57885S0103H001 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
B57885S0103J001
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 10000
Ω, T
R = 25 °C,
∆R
R/RR = ± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
975780
878740
1072800
9.9
1.3
7.4
50.0
676500
611990
741020
9.5
1.3
7.2
45.0
475380
431900
518850
9.1
1.3
6.9
40.0
338310
308640
367990
8.8
1.3
6.7
35.0
243590
223100
264080
8.4
1.3
6.5
30.0
177530
163210
191860
8.1
1.3
6.2
25.0
130670
120550
140780
7.7
1.3
6.0
20.0
97228
90011
104450
7.4
1.3
5.8
15.0
73006
67809
78202
7.1
1.3
5.6
10.0
55361
51582
59140
6.8
1.3
5.5
5.0
42332
39562
45102
6.5
1.2
5.3
0.0
32660
30612
34708
6.3
1.2
5.1
5.0
25392
23866
26918
6.0
1.2
5.0
10.0
19902
18756
21047
5.8
1.2
4.8
15.0
15709
14843
16575
5.5
1.2
4.7
20.0
12492
11833
13151
5.3
1.2
4.5
25.0
10000
9500
10500
5.0
1.1
4.4
30.0
8057
7633
8482
5.3
1.2
4.3
35.0
6533
6174
6891
5.5
1.3
4.1
40.0
5329
5026
5632
5.7
1.4
4.0
45.0
4372
4114
4629
5.9
1.5
3.9
50.0
3606
3387
3826
6.1
1.6
3.8
55.0
2991
2803
3178
6.3
1.7
3.7
60.0
2493
2332
2654
6.5
1.8
3.6
65.0
2089
1950
2227
6.6
1.9
3.5
70.0
1758
1638
1877
6.8
2.0
3.4
75.0
1486
1383
1590
7.0
2.1
3.3
80.0
1262
1172
1352
7.1
2.2
3.2
85.0
1076
997.9
1155
7.3
2.3
3.1
90.0
921.6
853.0
990.1
7.4
2.4
3.1
95.0
792.2
732.1
852.4
7.6
2.5
3.0
100.0
683.6
630.7
736.4
7.7
2.6
2.9
105.0
592.5
545.8
639.1
7.9
2.8
2.9
110.0
515.3
474.0
556.6
8.0
2.9
2.8
115.0
449.2
412.6
485.8
8.1
3.0
2.7
120.0
392.8
360.3
425.3
8.3
3.1
2.7
125.0
343.9
315.0
372.8
8.4
3.2
2.6
130.0
301.9
276.1
327.6
8.5
3.4
2.5
135.0
266.5
243.5
289.5
8.6
3.5
2.5
140.0
235.9
215.3
256.6
8.8
3.6
2.4
145.0
209.3
190.7
227.9
8.9
3.8
2.4
150.0
186.2
169.4
202.9
9.0
3.9
2.3
155.0
166.1
151.0
181.2
9.1
4.0
2.3
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 9 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S0103H001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103+001 EPCOS-B57885S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+002 EPCOS-B57885S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+003 EPCOS-B57885S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103001 EPCOS-B57885S0103001 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57885S0103001 TDK-B57885S0103001 Datasheet
567Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S0103H001

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com