Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4145EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4145EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
110
10
100k
1M
10M
100M
MAX4144
COMMON-MODE REJECTION
vs. FREQUENCY (AV = 2)
30
FREQUENCY (Hz)
50
70
90
100
20
40
60
80
VCM = 100mVRMS
25
35
45
55
65
75
85
95
105
115
125
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
10
1k
10k
100k
100
1M
MAX4146
CURRENT NOISE DENSITY
vs. FREQUENCY (AV = +10)
FREQUENCY (Hz)
10
0.1
1
110
10
100k
1M
10M
100M
MAX4146
COMMON-MODE REJECTION
vs. FREQUENCY (AV = +10)
30
FREQUENCY (Hz)
50
70
90
100
20
40
60
80
VCM = 100mVRMS
110
10
100k
1M
10M
100M
MAX4145
COMMON-MODE REJECTION
vs. FREQUENCY (AV = 1)
30
20
FREQUENCY (Hz)
60
50
40
100
90
80
70
VCM = 100mVRMS
TIME (20
µs/div)
SHUTDOWN RESPONSE TIME
MAX4144/6 TOC-45
SHDN
OUT
GND
GND
High-Speed, Low-Distortion,
Differential Line Receivers
_______________________________________________________________________________________
9
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = 150
Ω, TA = +25°C, unless otherwise noted.)
10
1k
10k
100k
100
1M
MAX4146
CURRENT NOISE DENSITY
vs. FREQUENCY (AV = +100)
FREQUENCY (Hz)
10
0.1
1


Similar Part No. - MAX4145EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4145EEE MAXIM-MAX4145EEE Datasheet
212Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 1; 1/98
More results

Similar Description - MAX4145EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4144 MAXIM-MAX4144 Datasheet
212Kb / 16P
   High-Speed, Low-Distortion, Differential Line Receivers
Rev 1; 1/98
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com