Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57885S0103J003 Datasheet(PDF) 11 Page - EPCOS

Part # B57885S0103J003
Description  NTC thermistors for temperature measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57885S0103J003 Datasheet(HTML) 11 Page - EPCOS

Back Button B57885S0103J003 Datasheet HTML 7Page - EPCOS B57885S0103J003 Datasheet HTML 8Page - EPCOS B57885S0103J003 Datasheet HTML 9Page - EPCOS B57885S0103J003 Datasheet HTML 10Page - EPCOS B57885S0103J003 Datasheet HTML 11Page - EPCOS B57885S0103J003 Datasheet HTML 12Page - EPCOS B57885S0103J003 Datasheet HTML 13Page - EPCOS B57885S0103J003 Datasheet HTML 14Page - EPCOS B57885S0103J003 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
B57885S0103H002
R/T No.
2908
T (
°C)
B25/100 = 3460 K, R25 = 10000
Ω, T
R = 25 °C,
∆R
R/RR = ± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
453130
420030
486230
7.3
1.2
6.0
50.0
337290
313850
360740
7.0
1.2
5.8
45.0
253330
236580
270070
6.6
1.2
5.6
40.0
191910
179850
203970
6.3
1.1
5.5
35.0
146590
137840
155350
6.0
1.1
5.3
30.0
112880
106470
119280
5.7
1.1
5.1
25.0
87588
82868
92307
5.4
1.1
5.0
20.0
68471
64970
71971
5.1
1.1
4.9
15.0
53910
51296
56524
4.8
1.0
4.7
10.0
42739
40776
44702
4.6
1.0
4.6
5.0
34109
32626
35592
4.3
1.0
4.4
0.0
27396
26269
28522
4.1
1.0
4.3
5.0
22140
21280
23000
3.9
0.9
4.2
10.0
17999
17339
18658
3.7
0.9
4.1
15.0
14716
14208
15224
3.5
0.9
4.0
20.0
12099
11706
12492
3.2
0.8
3.9
25.0
10000
9700
10300
3.0
0.8
3.8
30.0
8308
8038
8577
3.2
0.9
3.7
35.0
6936
6698
7174
3.4
1.0
3.6
40.0
5819
5609
6028
3.6
1.0
3.5
45.0
4904
4718
5089
3.8
1.1
3.4
50.0
4151
3987
4315
3.9
1.2
3.3
55.0
3529
3384
3674
4.1
1.3
3.2
60.0
3012
2884
3141
4.3
1.4
3.1
65.0
2582
2468
2696
4.4
1.5
3.0
70.0
2221
2120
2323
4.6
1.5
3.0
75.0
1918
1828
2009
4.7
1.6
2.9
80.0
1663
1582
1743
4.9
1.7
2.8
85.0
1446
1374
1518
5.0
1.8
2.8
90.0
1262
1197
1327
5.1
1.9
2.7
95.0
1105
1047
1163
5.3
2.0
2.6
100.0
970.2
918.0
1022
5.4
2.1
2.6
105.0
854.6
807.6
901.7
5.5
2.2
2.5
110.0
755.1
712.6
797.5
5.6
2.3
2.4
115.0
669.0
630.6
707.4
5.7
2.4
2.4
120.0
594.4
559.6
629.2
5.9
2.5
2.3
125.0
529.5
497.9
561.1
6.0
2.6
2.3
130.0
472.9
444.2
501.6
6.1
2.7
2.2
135.0
423.4
397.3
449.6
6.2
2.8
2.2
140.0
380.0
356.2
403.9
6.3
2.9
2.1
145.0
341.9
320.1
363.7
6.4
3.0
2.1
150.0
308.3
288.3
328.3
6.5
3.2
2.0
155.0
278.6
260.3
296.9
6.6
3.3
2.0
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 11 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S0103J003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103+001 EPCOS-B57885S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+002 EPCOS-B57885S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+003 EPCOS-B57885S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103001 EPCOS-B57885S0103001 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57885S0103001 TDK-B57885S0103001 Datasheet
567Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S0103J003

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com