Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS0805471KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS0805471KL
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0805471KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS0805471KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0805471KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.35
1.050
4.80
0.796M
1K
41
180.0±10%
SS0805181KL□-□□□
470.0±10%
330.0±10%
270.0±10%
220.0±10%
1000.0±10%
820.0±10%
680.0±10%
560.0±10%
2)."-
":Reference code
1). □:Packaging information… A:Bulk B:Taping Reel
AE-001A
SS0805821KL□-□□□
SS0805102KL□-□□□
□ □
SS0805471KL□-□□□
SS0805331KL□-□□□
SS0805271KL□-□□□
SS0805221KL□-□□□
SS0805681KL□-□□□
SS0805561KL□-□□□
0.796M
1K
35
1K
35
0.252M
1K
1K
1K
1K
1K
1K
36
34
32
32
37
38
0.796M
0.796M
0.796M
0.796M
0.796M
0.796M
0.16
4.000
2.50
2.20
5.000
0.15
1.800
3.80
3.00
2.80
3.50
3.000
3.400
2.250
4.20
4.50
1.400
1.180
0.24
0.18
0.17
0.20
0.27
0.30
150.0±10%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
2.2±20%
( µH )
5.6±20%
8.2±20%
3.9±20%
Inductance
10.0±20%
12.0±20%
15.0±20%
18.0±15%
27.0±15%
33.0±15%
39.0±15%
22.0±15%
68.0±10%
82.0±10%
47.0±15%
56.0±10%
100.0±10%
120.0±10%
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
SS0805151KL□-□□□
SS0805121KL□-□□□
SS0805101KL□-□□□
SS0805820KL□-□□□
SS0805680KL□-□□□
SS0805560KL□-□□□
SS0805470YL□-□□□
SS0805390YL□-□□□
SS0805330YL□-□□□
SS0805270YL□-□□□
SS0805220YL□-□□□
SS0805180YL□-□□□
SS0805150ML□-□□□
SS0805120ML□-□□□
SS0805100ML□-□□□
SS08058R2ML□-□□□
SS08055R6ML□-□□□
SS08053R9ML□-□□□
DWG No.
SS08052R2ML□-□□□
SHIELDED SMD
NAME
RPOD.
REF :
1K
1K
1K
1K
1K
1K
1K
28
39
45
42
32
28
30
2.520M
0.796M
0.796M
0.796M
2.520M
2.520M
2.520M
1K
1K
1K
1K
1K
1K
1K
38
35
40
35
40
40
40
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
0.550
8.50
7.00
6.50
7.50
0.750
0.900
0.600
9.50
9.00
10.50
0.380
0.440
0.280
0.54
0.45
0.40
0.50
0.68
0.60
0.75
0.180
17.00
13.50
12.00
15.50
0.240
0.260
0.200
22.00
19.00
24.00
0.140
0.160
0.120
1.10
0.92
0.84
1.00
1.30
1.20
1.40
( MHz )
1K
L
1K
1K
1K
1K
Test Freq. ( Hz )
20
20
40
19
Q
18
ref.
7.960M
2.520M
7.960M
7.960M
7.960M
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.055
50.00
28.00
32.00
40.00
0.100
0.080
0.065
nom
75.00
SRF
max
0.040
( Ω )
RDC
2.10
1.75
1.50
1.95
max
2.50
IDC
( A )
SS0805□□□□L□-□□□
PAGE: 2


Similar Part No. - SS0805471KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0802100ML ABC-SS0802100ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802101ML ABC-SS0802101ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802102ML ABC-SS0802102ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802120ML ABC-SS0802120ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS0802121ML ABC-SS0802121ML Datasheet
566Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS0805471KL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com