Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57881S0103J001 Datasheet(PDF) 11 Page - EPCOS

Part # B57881S0103J001
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57881S0103J001 Datasheet(HTML) 11 Page - EPCOS

Back Button B57881S0103J001 Datasheet HTML 7Page - EPCOS B57881S0103J001 Datasheet HTML 8Page - EPCOS B57881S0103J001 Datasheet HTML 9Page - EPCOS B57881S0103J001 Datasheet HTML 10Page - EPCOS B57881S0103J001 Datasheet HTML 11Page - EPCOS B57881S0103J001 Datasheet HTML 12Page - EPCOS B57881S0103J001 Datasheet HTML 13Page - EPCOS B57881S0103J001 Datasheet HTML 14Page - EPCOS B57881S0103J001 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
2
Packing codes
The last two digits of the complete ordering code state the packing mode:
Last two digits
00, 01, 02, 03,04,
05, 06, 07, 08
Bulk
40
Bulk
45
Bulk
50
Radial leads, kinked
Cardboard tape
Cassette packing
51
Radial leads, kinked
Cardboard tape
360 or 500-mm reel packing
52
Radial leads, straight
Cardboard tape
Cassette packing
53
Radial leads, straight
Cardboard tape
360 or 500-mm reel packing
54
Radial leads, kinked
Cardboard tape
AMMO packing
55
Radial leads, straight
Cardboard tape
AMMO packing
60
SMD
Cardboard tape
180-mm reel packing
62
SMD
Blister tape
180-mm reel packing
70
SMD
Cardboard tape
330-mm reel packing
72
SMD
Blister tape
330-mm reel packing
(If no packing code is indicated, this corresponds to 40)
Example 1:
B57164K0102J000
Bulk
B57164K0102J052
Cardboard tape, cassette packing
Example 2:
B57881S0103F002
Bulk
B57881S0103F251
Cardboard tape, reel packing
Temperature measurement
B57881S
Leaded NTC thermistors, lead spacing 2.5 mm
S881
Page 11 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57881S0103J001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57881S0103+001 EPCOS-B57881S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0103+002 EPCOS-B57881S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0103+003 EPCOS-B57881S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0103001 EPCOS-B57881S0103001 Datasheet
539Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57881S0103001 TDK-B57881S0103001 Datasheet
568Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57881S0103J001

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com