Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4090ELT-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4090ELT-T
Description  3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4090ELT-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4090ELT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 9Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 10Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 11Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 12Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 13Page - Maxim Integrated Products MAX4090ELT-T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3V/5V, 6dB Video Buffer with Sync-Tip Clamp
and 150nA Shutdown Current
10
______________________________________________________________________________________
0.1
1
10
100
FREQUENCY RESPONSE
FREQUENCY (MHz)
0
-60
-50
-40
-30
-20
-10
Figure 5. Frequency Response for R1 = R2 = 150
Ω
R2
150
Ω
R1
150
Ω
C1
120pF
C2
120pF
L1
4.7
μH
C3
6.8pF
C4
0.1
μF
R3
75
Ω
C5
22
μF
C6
22
μF
C7
1
μF
IN
OUT
GND
FB
SHDN
VCC
VCC
VCC
VOUT
VIDEO
CURRENT
DAC
RIS
49.9
Ω
3-POLE RECONSTRUCTION LPF
MAX4090
Figure 6. Sag Correction Configuration
Layout and Power-Supply Bypassing
The MAX4090 operates from single 2.7V to 5.5V sup-
ply. Bypass the supply with a 0.1µF capacitor as close
to the pin as possible. Maxim recommends using
microstrip and stripline techniques to obtain full band-
width. To ensure that the PC board does not degrade
the device’s performance, design it for a frequency
greater than 1GHz. Pay careful attention to inputs and
outputs to avoid large parasitic capacitance. Whether
or not you use a constant-impedance board, observe
the following design guidelines:
• Do not use wire-wrap boards; they are too inductive.
• Do not use IC sockets; they increase parasitic
capacitance and inductance.
• Use surface-mount instead of through-hole compo-
nents for better, high-frequency performance.
• Use a PC board with at least two layers; it should be
as free from voids as possible.
• Keep signal lines as short and as straight as possible.
Do not make 90° turns; round all corners.


Similar Part No. - MAX4090ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090ELT-T MAXIM-MAX4090ELT-T Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
More results

Similar Description - MAX4090ELT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4090 MAXIM-MAX4090 Datasheet
651Kb / 12P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 2; 8/04
MAX4090 MAXIM-MAX4090_05 Datasheet
729Kb / 15P
   3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4032 MAXIM-MAX4032 Datasheet
208Kb / 10P
   5V, 6dB Video Buffer with Sync-Tip Clamp, Output Sag Correction, and 150nA Shutdown Current
Rev 0; 10/03
MAX9504 MAXIM-MAX9504 Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
MAX9504A MAXIM-MAX9504A Datasheet
474Kb / 10P
   3V/5V, 6dB Video Amplifiers with High Output-Current Capability
19-3750; Rev 0; 7/05
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
logo
Gennum Corporation
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
GB4570 GENNUM-GB4570 Datasheet
149Kb / 5P
   Monolithic Video Buffer/Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com