Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR3015100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR3015100ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR3015100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR3015100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR3015100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AR-001A
ref.
12.0
10.0
12.0
15.0
20.0
15.0
22.0
20.0
40.0
1)﹒
:Packaging Information... A :Bulk B :Taping Reel
3)﹒Inductance Test Freq.:100KHz / 0.1V
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SR3015150ML□-□□□
SR3015220ML□-□□□
SR3015330KL□-□□□
SR3015470KL□-□□□
SR3015680KL□-□□□
SR3015101KL□-□□□
100.0 ± 10 %
2)﹒"-
":Reference code
4)﹒Isat base on △L / L0A=10% typ.
5)﹒Irms base on Temp. rise 30℃ max.
□□□
33.0 ± 10 %
68.0 ± 10 %
47.0 ± 10 %
22.0 ± 20 %
15.0 ± 20 %
SR3015100ML□-□□□
SR30154R7ML□-□□□
SR30152R2ML□-□□□
NAME
PROD.
REF : 20091021-C
DWG No.
10.0 ± 20 %
4.7 ± 20 %
2.2 ± 20 %
( μH )
Inductance
Q
100K
0.796
3.500
4.400
100K
2.52
100K
100K
2.52
2.52
100K
100K
2.52
2.52
1.150
1.430
2.350
1.550
2.950
1.950
0.850
0.540
1.060
0.675
160
200
15
500
420
300
230
350
270
28
220
180
18
23
400
330
35
40
SR3015□□□□L□-□□□
(MHz)
100K
100K
100K
7.96
2.52
7.96
(Hz)/0.1V
Test Freq.
LQ
0.165
0.360
0.095
0.215
0.450
0.125
RDC
( Ω )
typ.
max.
ABC'S DWG NO.
ABC'S ITEM NO.
Irms
max.
( mA )
650
1000
1200
500
700
1000
80
55
100
( mA )
SRF
typ.
( MHz )
Isat
typ.
PAGE: 2
Inductance VS. DC Current curve
0
1
10
100
0
1
10
DC Current(A)
470
100
2R2
4R7
101


Similar Part No. - SR3015100ML

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR30150 JINANJINGHENG-SR30150 Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SR30150C MIC-SR30150C Datasheet
48Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR30150CS RECTRON-SR30150CS Datasheet
422Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 150 Volts CURRENT 30 Amperes
2022-04 REV:B
logo
Goodwork Semiconductor ...
SR30150CT GWSEMI-SR30150CT Datasheet
71Kb / 2P
   30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR30150CT SAMYANG-SR30150CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR3015100ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com