Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57885S Datasheet(PDF) 3 Page - EPCOS

Part # B57885S
Description  NTC thermistors for temperature measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57885S Datasheet(HTML) 3 Page - EPCOS

  B57885S Datasheet HTML 1Page - EPCOS B57885S Datasheet HTML 2Page - EPCOS B57885S Datasheet HTML 3Page - EPCOS B57885S Datasheet HTML 4Page - EPCOS B57885S Datasheet HTML 5Page - EPCOS B57885S Datasheet HTML 6Page - EPCOS B57885S Datasheet HTML 7Page - EPCOS B57885S Datasheet HTML 8Page - EPCOS B57885S Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 155
°C
t: 1000 h
< 2%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 56 days
< 1%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 155
°C
Number of cycles: 100
< 2%
No visible
damage
Endurance
Pmax: 100 mW
t: 1000 h
< 3%
No visible
damage
Long-term stability
(empirical value)
Temperature: 70
°C
t: 10000 h
< 3%
No visible
damage
R/T characteristics
B57885S0212F000
R/T No.
1008
T (
°C)
B25/100 = 3560 K, R25 = 2100
Ω, T
R = 25 °C,
∆R
R/RR = ± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
111520
105460
117570
5.4
0.9
6.1
50.0
82567
78386
86747
5.1
0.8
6.0
45.0
61583
58680
64486
4.7
0.8
5.8
40.0
46263
44237
48289
4.4
0.8
5.7
35.0
34999
33579
36420
4.1
0.7
5.5
30.0
26661
25661
27661
3.8
0.7
5.4
25.0
20423
19717
21128
3.5
0.7
5.2
20.0
15786
15285
16287
3.2
0.6
5.1
15.0
12254
11899
12609
2.9
0.6
4.9
10.0
9594
9341
9847
2.6
0.5
4.8
5.0
7570
7390
7751
2.4
0.5
4.7
0.0
6020
5891
6149
2.1
0.5
4.5
5.0
4811
4719
4902
1.9
0.4
4.4
10.0
3872
3807
3937
1.7
0.4
4.3
15.0
3133
3087
3179
1.5
0.4
4.1
20.0
2552
2520
2584
1.3
0.3
4.0
25.0
2100
2079
2121
1.0
0.3
3.9
30.0
1742
1721
1764
1.2
0.3
3.8
35.0
1441
1421
1462
1.4
0.4
3.7
40.0
1199
1180
1219
1.6
0.5
3.6
45.0
1008
990.2
1026
1.8
0.5
3.5
50.0
851.4
834.6
868.2
2.0
0.6
3.4
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 3 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103+001 EPCOS-B57885S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+002 EPCOS-B57885S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+003 EPCOS-B57885S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103001 EPCOS-B57885S0103001 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57885S0103001 TDK-B57885S0103001 Datasheet
567Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com