Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57885S Datasheet(PDF) 7 Page - EPCOS

Part # B57885S
Description  NTC thermistors for temperature measurement
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57885S Datasheet(HTML) 7 Page - EPCOS

Back Button B57885S Datasheet HTML 3Page - EPCOS B57885S Datasheet HTML 4Page - EPCOS B57885S Datasheet HTML 5Page - EPCOS B57885S Datasheet HTML 6Page - EPCOS B57885S Datasheet HTML 7Page - EPCOS B57885S Datasheet HTML 8Page - EPCOS B57885S Datasheet HTML 9Page - EPCOS B57885S Datasheet HTML 10Page - EPCOS B57885S Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
B57885S0103F001
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 10000
Ω, T
R = 25 °C,
∆R
R/RR = ± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
10.0
55361
53797
56925
2.8
0.5
5.5
5.0
42332
41256
43409
2.5
0.5
5.3
0.0
32660
31918
33402
2.3
0.4
5.1
5.0
25392
24881
25902
2.0
0.4
5.0
10.0
19902
19552
20251
1.8
0.4
4.8
15.0
15709
15472
15947
1.5
0.3
4.7
20.0
12492
12332
12652
1.3
0.3
4.5
25.0
10000
9900
10100
1.0
0.2
4.4
30.0
8057
7955
8160
1.3
0.3
4.3
35.0
6533
6436
6629
1.5
0.4
4.1
40.0
5329
5239
5419
1.7
0.4
4.0
45.0
4372
4289
4454
1.9
0.5
3.9
50.0
3606
3531
3682
2.1
0.5
3.8
55.0
2991
2923
3059
2.3
0.6
3.7
60.0
2493
2432
2554
2.5
0.7
3.6
65.0
2089
2034
2144
2.6
0.8
3.5
70.0
1758
1709
1807
2.8
0.8
3.4
75.0
1486
1442
1530
3.0
0.9
3.3
80.0
1262
1223
1302
3.1
1.0
3.2
85.0
1076
1041
1112
3.3
1.0
3.1
90.0
921.6
889.9
953.3
3.4
1.1
3.1
95.0
792.2
763.8
820.7
3.6
1.2
3.0
100.0
683.6
658.0
709.1
3.7
1.3
2.9
105.0
592.5
569.5
615.4
3.9
1.4
2.9
110.0
515.3
494.6
536.0
4.0
1.4
2.8
115.0
449.2
430.6
467.8
4.1
1.5
2.7
120.0
392.8
376.0
409.6
4.3
1.6
2.7
125.0
343.9
328.7
359.0
4.4
1.7
2.6
130.0
301.9
288.2
315.5
4.5
1.8
2.5
135.0
266.5
254.1
278.9
4.6
1.9
2.5
140.0
235.9
224.7
247.2
4.8
2.0
2.4
145.0
209.3
199.1
219.5
4.9
2.1
2.4
150.0
186.2
176.9
195.5
5.0
2.2
2.3
155.0
166.1
157.6
174.6
5.1
2.3
2.3
B57885S0103H001
R/T No.
2003
T (
°C)
B25/100 = 3980 K, R25 = 10000
Ω, T
R = 25 °C,
∆R
R/RR = ± 3%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
975780
898250
1053300
7.9
1.1
7.4
50.0
676500
625520
727490
7.5
1.0
7.2
45.0
475380
441410
509350
7.1
1.0
6.9
40.0
338310
315400
361220
6.8
1.0
6.7
Temperature measurement and compensation
B57885S
Leaded NTC thermistors, lead spacing 5 mm
S885
Page 7 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57885S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0103+001 EPCOS-B57885S0103+001 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+002 EPCOS-B57885S0103+002 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103+003 EPCOS-B57885S0103+003 Datasheet
62Kb / 3P
   Temperature Measurement
B57885S0103001 EPCOS-B57885S0103001 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57885S0103001 TDK-B57885S0103001 Datasheet
567Kb / 27P
   NTC thermistors for temperature measurement
More results

Similar Description - B57885S

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com