Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR0604100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR0604100ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0604100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR0604100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR0604100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
0.58
0.600
9.0
1K
20
82.0±10%
2.520M
SR0604820KL□-□□□
3). IDC base on temp. rise 40
max. &
L/L0A=10% max.
℃△
1). □:Packaging information… A:Bulk B:Taping Reel
AR-001A
390.0±10%
SR0604391KL□-□□□
2)."-
":Reference code
SR0604821KL□-□□□
SR0604681KL□-□□□
SR0604561KL□-□□□
SR0604471KL□-□□□
□□
820.0±10%
680.0±10%
560.0±10%
470.0±10%
SR0604331KL□-□□□
SR0604271KL□-□□□
SR0604221KL□-□□□
SR0604181KL□-□□□
SR0604151KL□-□□□
SR0604121KL□-□□□
SR0604101KL□-□□□
180.0±10%
220.0±10%
270.0±10%
330.0±10%
150.0±10%
120.0±10%
100.0±10%
3.1
796K
1K
25
1K
25
24
26
25
1K
1K
1K
2.0
796K
796K
796K
796K
2.5
2.3
2.9
1K
20
26
25
20
1K
1K
1K
22
22
20
1K
1K
1K
796K
6.0
796K
796K
796K
3.9
3.3
5.6
796K
796K
796K
6.6
6.2
8.5
0.25
2.480
0.14
5.200
4.000
4.650
3.300
0.18
0.16
0.21
1.380
0.38
1.880
2.250
1.570
0.32
0.27
0.35
0.930
1.100
0.700
0.48
0.40
0.52
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
3.9±20%
SR06043R9ML□-□□□
18.0±15%
SR0604180YL□-□□□
SR0604680KL□-□□□
SR0604560KL□-□□□
SR0604470KL□-□□□
SR0604390KL□-□□□
SR0604330KL□-□□□
SR0604270YL□-□□□
SR0604220YL□-□□□
39.0±10%
68.0±10%
56.0±10%
47.0±10%
27.0±15%
22.0±15%
33.0±10%
SR0604150YL□-□□□
SR0604120ML□-□□□
SR0604100ML□-□□□
SR06048R2ML□-□□□
SR06046R8ML□-□□□
SR06045R6ML□-□□□
SR06044R7ML□-□□□
8.2±20%
15.0±15%
12.0±20%
10.0±20%
4.7±20%
5.6±20%
6.8±20%
NAME
PROD.
REF : 20090728-B
SR06041R2ML□-□□□
SR06042R7ML□-□□□
SR06043R3ML□-□□□
SR06042R2ML□-□□□
SR06041R5ML□-□□□
DWG No.
1.5±20%
3.3±20%
2.7±20%
2.2±20%
( μH )
Inductance
1.2±20%
0.065
1.90
40.0
1K
22
7.960M
30
18.0
1K
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
1K
24
22
22
22
1K
1K
1K
28
24
30
1K
1K
1K
13.0
11.0
10.0
12.0
14.0
13.0
16.0
2.520M
7.960M
7.960M
7.960M
7.960M
2.520M
2.520M
20
1K
30
30
30
1K
1K
1K
20
20
20
1K
1K
1K
26.0
22.0
20.0
23.0
30.0
28.0
34.0
0.150
1.25
0.80
0.320
0.420
0.520
0.370
0.68
0.62
0.72
0.220
0.250
0.190
1.00
0.88
1.10
1.50
0.090
0.120
0.140
0.100
1.40
1.30
1.45
0.075
0.080
0.070
1.70
1.60
1.80
SR0604□□□□L□-□□□
Test Freq. ( Hz )
7.960M
7.960M
7.960M
7.960M
7.960M
32
1K
22
22
33
1K
1K
1K
Q
ref.
35
L
1K
108.0
65.0
60.0
79.0
( MHz )
Q
nom.
155.0
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
0.024
3.60
0.055
0.060
0.031
2.30
2.00
2.80
( Ω )
max.
0.020
RDC
( A )
max.
4.20
IDC
PAGE: 2


Similar Part No. - SR0604100ML

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR060 YANGJIE-SR060 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
ABC Taiwan Electronics ...
SR0602100ML ABC-SR0602100ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602101KL ABC-SR0602101KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602102KL ABC-SR0602102KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602120ML ABC-SR0602120ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
More results

Similar Description - SR0604100ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com