Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3206EETC+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3206EETC+
Description  Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3206EETC+ Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX3206EETC+ Datasheet HTML 1Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX3206EETC+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
8
_______________________________________________________________________________________
12
N.C.
11
VCC
10
N.C.
45
GND
6
N.C.
1
2
I/02
3
9
8
7
I/03
I/06
I/05
I/04
MAX3206E
I/01
N.C.
TQFN
WLP
A2
A3
I/O4
A1
I/O3
I/O2
I/O1
GND
B1
B3
I/O5
C1
C2
C3
I/O6
VCC
MAX3204E
WLP
A2
A3
A1
I/O2
I/O3
VCC
I/O4
GND
I/O1
B1
B2
B3
MAX3203E
WLP
A2
A3
A1
I/O2
I/O3
VCC
GND
I/O1
B1
B3
MAX3202E
WLP
A2
A1
I/O1
GND
TOP VIEW
(BUMPS ON BOTTOM)
VCC
I/O2
B1
B2
MAX3206E
1
2
I/02
3
6
5
4
GND
VCC
I/04
I/03
I/01
TDFN
MAX3204E
1
+
+
2
I/02
3
6
5
4
GND
VCC
N.C.
I/03
I/01
TDFN
MAX3203E
1
2
N.C.
3
6
5
4
I/01
I/02
N.C.
GND
VCC
TDFN
++
MAX3202E
EP
EP = EXPOSED PADDLE. CONNECT TO GND.
EP
EP
EP
Pin Configurations
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
4 WLP
W4141-1
21-0455
6 UCSP
B6-4
21-0097
6 WLP
W61C1-1
21-0463
9 WLP
W91B1-5
21-0067
6 TDFN-EP
T633-2
21-0137
12 TQFN-EP
T1244-4
21-0139
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the
package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the
package regardless of RoHS status.


Similar Part No. - MAX3206EETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3206EETC++ MAXIM-MAX3206EETC+ Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
More results

Similar Description - MAX3206EETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E Datasheet
754Kb / 15P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 2; 11/04
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com