Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4023EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4023EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = +5V, VEE = 0V, RIN = 75Ω to VCM, RL = 150
Ω to GND, EN = +5V, VCM = 0.5V, REF = VCM, AVCL = +1 (MAX4023/MAX4025).
Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4023/MAX4025
260
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVP-P
MAX4024/MAX4026
200
MHz
MAX4023/MAX4025
83
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2VP-P
MAX4024/MAX4026
110
MHz
MAX4023/MAX4025
40
Small-Signal 0.1dB Gain-Flatness
Bandwidth
BW0.1dBSS VOUT = 100mVP-P
MAX4024/MAX4026
44
MHz
MAX4023/MAX4025
22
Large-Signal 0.1dB Gain-Flatness
Bandwidth
BW0.1dBLS VOUT = 2VP-P
MAX4024/MAX4026
25
MHz
MAX4023/MAX4025
300
Slew Rate
SR
VOUT = 2VP-P
MAX4024/MAX4026
363
V/µs
MAX4023/MAX4025
32
Settling Time to 0.1%
tS
VOUT = 2V step
MAX4024/MAX4026
32
ns
Power-Supply Rejection Ratio
PSRR
f = 100kHz
60
dB
Output Impedance
f = 10MHz
1.5
MAX4023/MAX4025
0.016
Differential Gain Error
DG
NTSC, PAL, AVCL = +2
MAX4024/MAX4026
0.02
%
MAX4023/MAX4025
0.054
Differential Phase Error
DP
NTSC, PAL, AVCL = +2
MAX4024/MAX4026
0.085
Degrees
MAX4023/MAX4025
1.6
Group Delay
D/dT
f = 3.58MHz or
4.43MHz, AVCL = +2
MAX4024/MAX4026
1.9
ns
MAX4023/MAX4025
90
Peak Signal to RMS Noise
SNR
VOUT = 2VP-P, 10MHz
BW, AVCL = +2
MAX4024/MAX4026
86
dB
Crosstalk
f = 10MHz
-61
dB
SWITCHING CHARACTERISTICS
MAX4023/MAX4025
25
Channel Switching Time
tSW
MAX4024/MAX4026
25
ns
Enable Time
tON
VIN = 0.5V
90
ns
Disable Time
tOFF
VIN = 0.5V
0.45
µs
MAX4023/MAX4025
10
Switching Transient
MAX4024/MAX4026
10
mVP-P
Note 2: All devices are 100% production tested at TA = +25
°C. Specifications over temperature are guaranteed by design.


Similar Part No. - MAX4023EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4023EEE MAXIM-MAX4023EEE Datasheet
470Kb / 22P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 0; 1/03
More results

Similar Description - MAX4023EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4023 MAXIM-MAX4023 Datasheet
470Kb / 22P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 0; 1/03
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
   Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com