Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4036 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4036
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4036 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4036_09 Datasheet HTML 4Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 5Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 10Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 11Page - Maxim Integrated Products MAX4036_09 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
8
_______________________________________________________________________________________
80
70
60
50
40
30
20
10
0
-10
-20
-30
-40
1
10
100
1k
10k
100k
GAIN AND PHASE
vs. FREQUENCY
MAX4036 toc25
FREQUENCY (Hz)
180
135
90
45
0
-45
-90
-135
AV = 1000V/V
VIN_ = 1mVP-P
GAIN
PHASE
2
-30
100
10k
100k
LARGE-SIGNAL GAIN
vs. FREQUENCY
-22
-26
-18
-14
-10
-6
-2
FREQUENCY (Hz)
1k
RL = 1M
Ω
AV = 1
VOUT_ = 1VP-P
CL = 12pF
RL = 100k
Ω
RL = 5k
Ω
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.228
1.230
1.232
1.234
1.236
1.226
-40
85
MAX4037/MAX4039
REFERENCE VOLTAGE CHANGE
vs. TIME
TIME (HR)
500
400
300
200
100
1.231
1.232
1.233
1.234
1.230
0
600
MAX4037
MAX4039
REFERENCE VOLTAGE CHANGE
vs. LOAD CURRENT
LOAD CURRENT (
μA)
400
300
200
100
0
0.99
1.00
1.01
1.02
0.98
-100
500
TA = +85
°C
TA = +25
°C
TA = -40
°C
REFERENCE VOLTAGE CHANGE
vs. SUPPLY VOLTAGE
VDD (V)
3.3
3.0
2.1
2.4
2.7
0.9996
0.9997
0.9998
0.9999
1.0000
1.0001
1.0002
1.0003
0.9995
1.8
3.6
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics (continued)
(VDD = 3V, VSS = VCM = 0V, RL to VDD/2, TA = +25°C, unless otherwise noted.)
REFERENCE LINE-TRANSIENT RESPONSE
1ms/div
VDD
VREF
AC-COUPLED
50mV/div
0V
1.8V
3.6V


Similar Part No. - MAX4036_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036EXK-T MAXIM-MAX4036EXK-T Datasheet
707Kb / 19P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 2; 11/04
More results

Similar Description - MAX4036_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4036 MAXIM-MAX4036 Datasheet
707Kb / 19P
   Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
Rev 2; 11/04
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Torex Semiconductor
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com