Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR03024R7ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR03024R7ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR03024R7ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR03024R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR03024R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SR0302820KL□
0.300
12.0
2.10
100K
24
2.52
82.0±10%
0.280
-□□□
1). □:Packaging information… A:Bulk B:Taping Reel
AR-001A
SR0302471KL□
470.0±10%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
SR0302122KL□
□ □
SR0302561KL□
SR0302681KL□
SR0302821KL□
SR0302102KL□
1200.0±10%
560.0±10%
820.0±10%
1000.0±10%
680.0±10%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR0302391KL□
SR0302331KL□
SR0302271KL□
SR0302221KL□
SR0302181KL□
SR0302151KL□
SR0302101KL□
SR0302121KL□
390.0±10%
220.0±10%
270.0±10%
330.0±10%
150.0±10%
180.0±10%
100.0±10%
120.0±10%
5.0
14.30
100K
42
0.796
0.796
0.796
0.252
0.252
0.796
100K
40
100K
100K
100K
100K
43
45
40
43
3.0
30.00
4.3
4.0
3.2
4.8
18.00
26.00
22.50
16.00
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
100K
100K
100K
100K
40
40
40
45
100K
100K
100K
100K
40
38
45
40
6.0
5.5
8.0
7.0
10.00
10.80
5.70
8.60
10.0
9.0
8.5
10.0
3.20
4.60
5.00
2.85
0.130
0.105
0.060
0.080
0.085
0.080
0.070
0.095
0.110
0.100
0.090
0.120
0.130
0.120
0.150
0.170
0.150
0.140
0.190
0.170
0.220
0.185
0.200
0.260
0.250
0.230
0.210
0.280
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
2.7±20%
SR03022R7ML□ -□□□
SR0302150ML□
15.0±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR0302560KL□
SR0302680KL□
SR0302390KL□
SR0302470KL□
SR0302180ML□
SR0302220ML□
SR0302270ML□
SR0302330KL□
39.0±10%
47.0±10%
56.0±10%
68.0±10%
27.0±20%
22.0±20%
33.0±10%
18.0±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SR03025R6ML□
SR03028R2ML□
SR0302100ML□
SR0302120ML□
SR03026R8ML□
SR03023R3ML□
SR03023R9ML□
SR03024R7ML□
5.6±20%
12.0±20%
10.0±20%
8.2±20%
6.8±20%
3.9±20%
3.3±20%
4.7±20%
NAME
PROD.
REF : 20090505-B
-□□□
-□□□
-□□□
-□□□
-□□□
SR03021R0ML□
SR03022R2ML□
SR03021R8ML□
SR03021R5ML□
SR03021R2ML□
DWG No.
1.0±20%
2.2±20%
1.8±20%
1.5±20%
1.2±20%
Inductance
(μH)
1.700
1.500
0.10
72.0
7.96
100K
22
32.0
0.40
100K
20
2.52
100K
100K
100K
100K
18
24
24
23
2.52
2.52
2.52
2.52
100K
100K
100K
100K
23
23
20
18
2.52
2.52
2.52
2.52
16.0
14.0
18.0
17.0
1.45
1.85
1.27
1.12
22.0
20.0
18.0
28.0
0.66
0.75
0.85
0.46
100K
18
7.96
100K
100K
100K
100K
18
15
16
18
2.52
2.52
7.96
7.96
100K
100K
100K
24
18
23
7.96
7.96
7.96
42.0
0.16
34.0
33.0
35.0
40.0
0.25
0.28
0.20
0.18
50.0
45.0
68.0
0.12
0.15
0.11
0.800
0.650
0.340
0.300
0.360
0.380
0.350
0.320
0.400
0.450
0.520
0.480
0.420
0.580
0.650
0.500
0.550
0.750
1.300
1.100
0.800
0.750
0.900
1.000
0.900
0.850
1.050
1.200
1.300
1.200
1.400
1.500
1.350
1.600
Irms (A)
SR0302□□□□L□-□□□
(MHz)
20
100K
7.96
100K
100K
100K
100K
23
22
23
22
7.96
7.96
7.96
7.96
L
ref.
Q
Q
Test Freq.
0.06
125.0
85.0
75.0
95.0
100.0
0.08
0.09
0.07
0.07
(MHz)
typ.
SRF
( Ω )
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.
2.100
2.700
1.800
1.650
1.900
2.000
2.000
1.850
2.300
2.500
max.
typ.
Isat (A)
PAGE: 2


Similar Part No. - SR03024R7ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SR0302180MLB BOURNS-SR0302180MLB Datasheet
165Kb / 2P
   SMD Power Inductors
More results

Similar Description - SR03024R7ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com