Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57550G1303H005 Datasheet(PDF) 3 Page - EPCOS

Part # B57550G1303H005
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57550G1303H005 Datasheet(HTML) 3 Page - EPCOS

  B57550G1303H005 Datasheet HTML 1Page - EPCOS B57550G1303H005 Datasheet HTML 2Page - EPCOS B57550G1303H005 Datasheet HTML 3Page - EPCOS B57550G1303H005 Datasheet HTML 4Page - EPCOS B57550G1303H005 Datasheet HTML 5Page - EPCOS B57550G1303H005 Datasheet HTML 6Page - EPCOS B57550G1303H005 Datasheet HTML 7Page - EPCOS B57550G1303H005 Datasheet HTML 8Page - EPCOS B57550G1303H005 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1) B100/200
2) B200/300
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/85
K
B0/100
K
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
G =
±2%
H =
±3%
The last three digits of the ordering code denote:
000 and 005 = dumet wires
002 and 007 = nickel-plated wires
2 k
8401
3420
3390
±1%
3436
B57550G0202+000
2 k
8401
3420
3390
±1%
3436
B57550G0202+002
5 k
8402
3480
3450
±1%
3497
B57550G0502+000
5 k
8402
3480
3450
±1%
3497
B57550G0502+002
10 k
7003
3612
3586
3625
±1%
B57550G1103+005
10 k
7003
3612
3586
3625
±1%
B57550G1103+007
10 k
8307
3478
3450
3492
±1%
B57550G1103+000
10 k
8307
3478
3450
3492
±1%
B57550G1103+002
20 k
8415
3992
3970
±1%
4006
B57550G0203+000
20 k
8415
3992
3970
±1%
4006
B57550G0203+002
30 k
7002
3973
3944
3988
±1%
B57550G1303+005
30 k
7002
3973
3944
3988
±1%
B57550G1303+007
50 k
8403
3992
3970
±1%
4006
B57550G0503+000
50 k
8403
3992
3970
±1%
4006
B57550G0503+002
100 k
8304
4072
4036
4092
±1%
B57550G1104+000
100 k
8304
4072
4036
4092
±1%
B57550G1104+002
230 k
8405
4240
4537
±1%1)
4264
B57550G0234+000
230 k
8405
4240
4537
±1%1)
4264
B57550G0234+002
1400 k
8406
4557
5133
±2%2)
4581
B57550G0145+000
1400 k
8406
4557
5133
±2%2)
4581
B57550G0145+002
Temperature measurement
B57550G, B57550G1
Glass-encapsulated sensors
G550/G1550
Page 3 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57550G1303H005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57550G1303000 TDK-B57550G1303000 Datasheet
414Kb / 25P
   NTC thermistors for temperature measurement
logo
EPCOS
B57550G1303005 EPCOS-B57550G1303005 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
B57550G1303007 EPCOS-B57550G1303007 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57550G1303H005

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com