Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR03023R3ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SR03023R3ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR03023R3ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SR03023R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR03023R3ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SR0302□□□□L□-□□□
m/m
m/m
m/m
m/m
m/m
m/m
m/m
a
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
50sec max.
200
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Core:Ferrite DR core
b﹒Wire :Enamelled copper wire (class H)
d﹒Operating temp.:-40℃----+125℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ max.
e﹒Resistance to solder heat:260℃.10 secs.
c﹒Terminal: Ag/Ni/Sn
b﹒Rated current:Base on temp. rise
d﹒Remark:Products comply with RoHS'
AR-001A
&
L / L0A=10% typ.
requirements
250
0
50
50
150
100
200
Time ( seconds )
100
150
70s ec max.
150 ~ 200
/ 60 ~ 120sec
Preheat Area
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Rising Area
Temperature
+4.0
/ sec max.
Peak Temp:260℃ max.
Reflow Area
/ sec max.
+2.0 ~ 4.0℃
c
REF : 20090505-B
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
PROD.
NAME
I
:
1.4 ref.
D
I
G
I
( PCB Pattern )
SPECIFICATION FOR APPROVAL
ABC'S DWG NO.
ABC'S ITEM NO.
A
SMD POWER INDUCTOR
A
:
3.0±0.3
B
:
2.8±0.3
C
:
2.5±0.3
G
:
0.8 ref.
H
:
3.0 ref.
D
:
0.9 typ.
250
230
Peak Temperature:
260
b
PAGE: 1


Similar Part No. - SR03023R3ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SR0302180MLB BOURNS-SR0302180MLB Datasheet
165Kb / 2P
   SMD Power Inductors
More results

Similar Description - SR03023R3ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com