Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3095ESE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3095ESE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095ESE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3095ESE Datasheet HTML 3Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 4Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 5Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 6Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 7Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 8Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 9Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 10Page - Maxim Integrated Products MAX3095ESE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Applications Information
Propagation-Delay Matching
The MAX3095/MAX3096 exhibit propagation delays that
are closely matched from one device to another, even
between devices from different production lots. This fea-
ture allows multiple data lines to receive data and clock
signals with minimal skewing with respect to each other.
The MAX3095 receiver propagation delays are trimmed
to a predetermined value ±8ns, while the MAX3096
delays are trimmed to a predetermined value ±10ns.
128 Receivers on the Bus
The standard RS-485 input impedance is 12k
Ω (one-
unit load). The standard RS-485 transmitter can drive
32 unit loads. The MAX3095/MAX3096 present a 1/4-
unit-load input impedance (48k
Ω), which allows up to
128 receivers on a bus. Any combination of these RS-
485 receivers with a total of 32 unit loads can be con-
nected to the same bus.
Fail-Safe Implementation
The MAX3095/MAX3096 receiver inputs guarantee a
logic high output when the inputs are open circuit (no
termination resistor used). This occurs when the trans-
mitter is removed from the bus or when all transmitter
outputs are high impedance. However, when the line is
terminated and the transmitters are disabled, the differ-
ential voltage between the A and B inputs falls below
the ±200mV RS-485 sensitivity threshold. Consequent-
ly, the outputs become undefined. To maintain a fail-
safe receiver output while using a terminating resistor,
input A must be biased at least 200mV above input B.
The resistor-divider network shown in Figure 6 is rec-
ommended.
Chip Information
TRANSISTOR COUNT: 676
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
10
______________________________________________________________________________________
1k
1k
150
Ω
MAX3095
MAX3096
VCC
A
B
Figure 6. External Fail-Safe Implementation
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 PDIP
P16-1
21-0043
16 QSOP
E16-5
21-0055
16 SO
S16-5
21-0041


Similar Part No. - MAX3095ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095ESE MAXIM-MAX3095ESE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095ESE++ MAXIM-MAX3095ESE+ Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results

Similar Description - MAX3095ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com