Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3095EPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3095EPE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095EPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3095EPE Datasheet HTML 1Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 2Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 3Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 4Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 5Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 6Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 7Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 8Page - Maxim Integrated Products MAX3095EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—MAX3096
(VCC = 3.135V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS—MAX3095
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VCC = 5V ±5%, TA = TMIN to TMAX
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
|VID| = 3V,
Figure 2
Figure 3
Figure 3
CONDITIONS
Mbps
10
fMAX
Maximum Data Rate
ns
60
100
tHZ
Output Disable Time from
High Level
ns
60
100
tLZ
Output Disable Time from
Low Level
78
86
94
ns
65
98
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
600
800
tZH
Output Enable Time to
High Level
ns
600
800
tZL
Output Enable Time to
Low Level
ns
16
Device-to-Device Propagation-
Delay Matching
68
76
84
71
79
87
65
73
81
82
90
98
74
82
90
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCM = 0
-7V
≤ VCM ≤ 12V
-7V
≤ VCM ≤ 12V
0
≤ VOUT ≤ VCC, G = VCC or G = GND
0
≤ VOUT ≤ VCC, G = GND and G = VCC
IOUT = 2.5mA, VID = -200mV,
G = VCC or G = GND, Figure 1
IOUT = -1.5mA, VID = 200mV,
G = VCC or G = GND, Figure 1
CONDITIONS
mV
45
mV
-200
200
VTH
Receiver Differential Input
Threshold
Receiver Input Hysteresis
k
Ω
48
RIN
Receiver Input Resistance
mA
±4
±60
IOSR
Output Short-Circuit Current
µA
±1
IOZR
Three-State Current at Receiver
Output
V
0.4
VOL
Receiver Output Low Voltage
µA
±1
Enable Input Current (G, G)
V
2.0
VIH
Enable Input High Voltage (G, G)
V
0.8
VIL
Enable Input Low Voltage (G, G)
V
VCC - 0.4
VOH
Receiver Output High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
250
IIN
Receiver Input Current (A_, B_)
VCC = 0 or 3.6V
VIN = 12V
-200
VIN = -7V
ns
-4
±10
tSK
Propagation-Delay Skew
(tPLH - tPHL)
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
VCC = 5.25V
VCC = 4.75V


Similar Part No. - MAX3095EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095EPE MAXIM-MAX3095EPE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095EPE++ MAXIM-MAX3095EPE+ Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results

Similar Description - MAX3095EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com