Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3095CPE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3095CPE
Description  ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3095CPE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3095CPE Datasheet HTML 1Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 2Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 3Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 4Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 5Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 6Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 7Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 8Page - Maxim Integrated Products MAX3095CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Quad RS-422/RS-485 Receivers
_______________________________________________________________________________________
5
0
-10
-20
-30
-40
-50
02
1
345
OUTPUT CURRENT vs.
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
MAX3095
MAX3096
0
15
10
5
20
25
30
02
1
345
OUTPUT CURRENT vs.
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
MAX3095
MAX3096
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
10
-15
35
60
85
OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095
MAX3096
IOUT = 8mA
0
1
3
2
4
5
-40
10
-15
35
60
85
OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095
MAX3096
IOUT = -8mA
70
80
100
90
110
120
-40
10
-15
35
60
85
MAX3095
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
⏐VID⏐ = 3V
CL = 15pF
2.0
2.2
2.6
2.4
2.8
3.0
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX3095/MAX3096
0
5
10
15
20
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX3095
MAX3096
80
110
100
90
120
130
140
-40
10
-15
35
60
85
MAX3096
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
⏐VID⏐ = 3V
CL = 15pF
Typical Operating Characteristics
(VCC = 5V for MAX3095, VCC = 3.3V for MAX3096, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3095CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095CPE MAXIM-MAX3095CPE Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095CPE++ MAXIM-MAX3095CPE+ Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results

Similar Description - MAX3095CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com