Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57541G1103F000 Datasheet(PDF) 11 Page - EPCOS

Part # B57541G1103F000
Description  NTC thermistors for temperature measurement
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57541G1103F000 Datasheet(HTML) 11 Page - EPCOS

Back Button B57541G1103F000 Datasheet HTML 7Page - EPCOS B57541G1103F000 Datasheet HTML 8Page - EPCOS B57541G1103F000 Datasheet HTML 9Page - EPCOS B57541G1103F000 Datasheet HTML 10Page - EPCOS B57541G1103F000 Datasheet HTML 11Page - EPCOS B57541G1103F000 Datasheet HTML 12Page - EPCOS B57541G1103F000 Datasheet HTML 13Page - EPCOS B57541G1103F000 Datasheet HTML 14Page - EPCOS B57541G1103F000 Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Cautions and warnings General
See "Important notes" at the end of this document.
Storage
Store thermistors only in original packaging. Do not open the package prior to storage.
Storage conditions in original packaging: storage temperature
25
°C ... +45 °C, relative
humidity
≤75% annual mean, <95% maximum 30 days per annum, dew precipitation is
inadmissible.
Do not store thermistors where they are exposed to heat or direct sunlight. Otherwise, the
packing material may be deformed or components may stick together, causing problems during
mounting.
Avoid contamination of thermistor surface during storage, handling and processing.
Avoid storage of thermistors in harmful environments like corrosive gases (SOx, Cl etc).
Use the components as soon as possible after opening the factory seals, i.e. the
polyvinyl-sealed packages.
Solder thermistors within the time specified after shipment from EPCOS.
For leaded components this is 24 months, for SMDs 12 months.
Handling
NTC thermistors must not be dropped. Chip-offs or any other damage must not be caused
during handling of NTCs.
Do not touch components with bare hands. Gloves are recommended.
Avoid contamination of thermistor surface during handling.
Bending / twisting leads
A lead (wire) may be bent at a minimum distance of twice the wire’s diameter plus 4 mm from
the component head or housing. When bending ensure the wire is mechanically relieved at the
component head or housing. The bending radius should be at least 0.75 mm.
Twisting (torsion) by 180
° of a lead bent by 90° is permissible at 6 mm from the bottom of the
thermistor body.
Soldering
Use resin-type flux or non-activated flux.
Insufficient preheating may cause ceramic cracks.
Rapid cooling by dipping in solvent is not recommended.
Complete removal of flux is recommended.
Temperature measurement
B57541G, B57541G1
Glass-encapsulated sensors with insulation
G541/G1541
Page 11 of 15
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57541G1103F000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57541G1103F000 TDK-B57541G1103F000 Datasheet
406Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57541G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com