Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-3362Z2-1GS6A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-3362Z2-1GS6A1E
Description  Intel짰 Atom N450 PC/104-Plus SBC, CRT, LVDS, LAN, USB, COM, SATA, On-board Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-3362Z2-1GS6A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-3362Z2-1GS6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-3362Z2-1GS6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC/104 CPU Modules
All product specifications are subject to change without notice
Last updated : 20-Jan-2010
Features
Intel® Atom N450 1.67 GHz Processor and DDR2 667 SDRAM up to 2 GB
Supports extended temperature -40 ~ 85° C
Standard 96 x 90 mm dimension and PC/104-Plus expansion connector
On board 2 GB flash (4 GB optional)
Supports embedded software APIs and Utilities
Software API: Watchdog/GPIO/Hardware Monitor/I2C/Brightnes/Backlight
on/off/Speedstep/throttling
Software Utility: Monitoring/eSOS/Embedded Security ID
PCM-3362 Intel®AtomN450PC/104-PlusSBC,CRT,
LVDS, LAN, USB, COM, SATA, On-board Flash
Specifications
Processor System
CPU
Intel Atom N450 1.67 GHz
Front Side Bus
667 MHz
Frequency
1.67 GHz
L2 Cache
512 KB
System Chipset
Intel Atom N450 + ICH8M
BIOS
AMI 16 Mbit
Memory
Technology
DDR2 667 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Display
Chipset
Intel Atom N450 1.67 GHz
VRAM
Shared system memory up to 224 MB
Graphic Engine
Intel Gen 3.5 DX9, MPEG2 Decode in HW
Embedded Gen3.5+ GFX Core
LVDS
Singe channel 18-bit LVDS up to WXGA 1366 x 768
CRT
Supports up to SXGA 1400 x 1060 @ 60 Hz
Dual Display
CRT+LVDS
Ethernet
Speed
10/100/1000 Mbps
Controller
Intel 82567V
Connector
Pin header
WatchDog Timer
Output System reset
Programmable 1 ~ 255 sec
Storage
SATA
1
On board Flash
2 GB
Internal I/O
USB
4 x USB 2.0
Seriel
2 RS-232, 1 RS-422/485
KB/Mouse
1
GPIO
8-bit general purpose input/output
I2C
1
Expansion
PC/104-Plus slot
1
Power
Power Type
AT/ATX
Power Supply Voltage
5V only to boot up (12 V is optional for LCD inverter and add on card)
Power Consumption (Typical)
+5 V @ 2 A, +12 V @ 5mA
Power Consumption
(Max, test in HCT)
+5 V @ 2.37 A, +12 V @ 7mA
Battery
Lithium 3 V / 210 mAH
Environment
Operation
0 ~ 60° C (32 ~ 140° F) (operation humidity: 40° C @ 85% RH Non-Condensing)
Non-Operation
-40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
96 x 90 mm (3.8" x 3.5")
Weight
0.162 kg (0.357 lb) (with heat-sink)
Monitoring
eSOS
Embedded
Security ID
Backlight On/Off
Watchdog
GPIO
H/W Monitor
I2C
Brightness
Utilities:
Software APIs:
NEW


Similar Part No. - PCM-3362Z2-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3362Z2-1GS6A1E ADVANTECH-PCM-3362Z2-1GS6A1E Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
More results

Similar Description - PCM-3362Z2-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-3356 ADVANTECH-PCM-3356 Datasheet
772Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA, LVDS, LAN, USB, COM, SATA
17-Jan-2018
PCM-3356-A2 ADVANTECH-PCM-3356-A2 Datasheet
695Kb / 2P
   AMD T16R,T40E, PC/104 SBC, VGA,LVDS, LAN, USB, COM, SATA
PCM-9562 ADVANTECH-PCM-9562 Datasheet
935Kb / 2P
   Intel짰 Atom N450/D510 EBX SBC with 3 LAN, 6 COM, 3 SATA, 8 USB2.0, UL60601 Isolation design, PC/104-Plus
20-Jan-2010
PCM-9587 ADVANTECH-PCM-9587 Datasheet
366Kb / 2P
   Onboard Intel짰 Celeron짰 M CPU on board EBX SBC with LAN/ LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104-Plus
08-Sep-2009
PCM-3363 ADVANTECH-PCM-3363 Datasheet
718Kb / 2P
   Intel짰 Atom??N455/D525 PCI-104,SBC, VGA, LVDS, Ethernet, USB,COM, SATA, Onboard Memory
PCI-7031 ADVANTECH-PCI-7031 Datasheet
858Kb / 2P
   Intel짰 Atom N450/D510, PCI Half-Sized SBC with On-board DDR2/VGA/LVDS/Dual GbE/SATA/COM
20-Jan-2010
PCM-9362 ADVANTECH-PCM-9362 Datasheet
785Kb / 2P
   Intel Atom N450/ D510 3.5" SBC, LVDS, CRT, 2 Giga LAN, Mini PCIe, 4 COM
PCA-6782 ADVANTECH-PCA-6782 Datasheet
2Mb / 2P
   Intel짰 Atom N455/D525 ISA Half-size SBC with VGA/LVDS/GbE LAN/SATA/COM/CFC/ FDD and PC/104
AIMB-212_1206 ADVANTECH-AIMB-212_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N450/D510 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com