Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43740B9338M003 Datasheet(PDF) 7 Page - EPCOS

Part # B43740B9338M003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43740B9338M003 Datasheet(HTML) 7 Page - EPCOS

Back Button B43740B9338M003 Datasheet HTML 3Page - EPCOS B43740B9338M003 Datasheet HTML 4Page - EPCOS B43740B9338M003 Datasheet HTML 5Page - EPCOS B43740B9338M003 Datasheet HTML 6Page - EPCOS B43740B9338M003 Datasheet HTML 7Page - EPCOS B43740B9338M003 Datasheet HTML 8Page - EPCOS B43740B9338M003 Datasheet HTML 9Page - EPCOS B43740B9338M003 Datasheet HTML 10Page - EPCOS B43740B9338M003 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Dimensions for heat sink mounting:
Ter-
minal
d
l
±1
l1
±0.35 l
2 +0/
1 d1
d2 max. a +0.2/ 0.4 Min.
reach of
screw
Approx.
weight
(g)
M5
64.3 +0/ 0.8
80.7
86.3
17
M12
13.2
28.5
7.3
370
M5
64.3 +0/ 0.8 105.7 111.3
17
M12
13.2
28.5
7.3
440
M6
76.9 +0/ 0.7 105.7 110.6
17
M12
17.7
31.7
9.7
620
M6
76.9 +0/ 0.7 130.7 135.6
17
M12
17.7
31.7
9.7
800
M6
91.0 +0/ 2.0 144.5 148.9
17
M12
17.7
31.7
9.7
1200
For other sizes, dimensions are available upon request.
For all other dimensions see table "Dimensions and weights".
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
Thread Toothed
washers
Screws/nuts
Maximum
torque
For terminals
M5
A 5.1 DIN 6797
Cylinder-head screw M5
× 8 DIN 84-4.8
2 Nm
M6
A 6.4 DIN 6797
Cylinder-head screw M6
× 12 DIN 85-4.8
2.5 Nm
For mounting
M12
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
10 Nm
The following items must be ordered separately. For details, refer to chapter "Capacitors with
screw terminals
Accessories".
Item
Type
Ring clips
B44030
Clamps for capacitors with d
≥ 64.3 mm
B44030
Insulating parts
B44020
B43740, B43760
Extra long useful life
105
°C
Page 7 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43740B9338M003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43741 TDK-B43741_16 Datasheet
709Kb / 22P
   Aluminum electrolytic capacitors
B43741_B43761 TDK-B43741_B43761 Datasheet
673Kb / 22P
   Aluminum electrolytic capacitors
B43742 TDK-B43742 Datasheet
682Kb / 22P
   Capacitors with screw terminals
B43743 TDK-B43743 Datasheet
671Kb / 21P
   Capacitors with screw terminals
B4374A5109M0 TDK-B4374A5109M0 Datasheet
678Kb / 23P
   Capacitors with screw terminals
More results

Similar Description - B43740B9338M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com