Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1922ETB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1922ETB+
Description  1A Current-Limited Switch for 2 USB Ports
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1922ETB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1922ETB+ Datasheet HTML 1Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 2Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 3Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1922ETB+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1A Current-Limited Switch for 2 USB Ports
outputs. Input voltage glitches less than 150mV do not
cause a spurious
OC output. Load-transient faults less
than 10ms (typ) will not cause an
OC output assertion.
Only current-limit faults are blanked. Die overtempera-
ture faults and input voltage droops below the UVLO
threshold will cause an immediate
OC output.
Applications Information
Input Capacitor
To limit the input voltage drop during momentary output
short-circuit conditions, connect a capacitor from IN to
GND. A 1µF ceramic capacitor is adequate for most
applications; however, higher capacitor values further
reduce the voltage drop at the input (Figure 2).
Output Capacitor
Connect a 0.1µF capacitor from OUT to GND. This
capacitor helps to prevent inductive parasitics from
pulling OUT negative during turn-off.
Layout and Thermal Dissipation
Important: Optimize the switch response time to output
short-circuit conditions by keeping all traces as short
as possible to reduce the effect of undesirable parasitic
inductance. Place input and output capacitors as close
as possible to the device (no more than 5mm away). All
IN and OUT pins must be connected with short traces
to the power bus. Wide power-bus planes provide
superior heat dissipation through the MAX1922’s IN
and OUT pins. Under normal operating conditions, the
package can dissipate and channel heat away.
Calculate the maximum power dissipation as follows:
P = (ILIMIT)2  RON
where ILIMIT is the preset current limit (2.1A max) and
RON is the on-resistance of the switch (125mΩ max).
When the output is short circuited, foldback-current lim-
iting activates and the voltage drop across the switch
equals the input supply voltage. The power dissipated
across the switch increases, as does the die tempera-
ture. If the fault condition is not removed, the thermal-
overload protection circuitry activates (see
Thermal
Shutdown section). Wide power-bus planes connected
to IN and OUT and a ground plane in contact with the
device help dissipate additional heat.
Driving Inductive Loads
A wide variety of devices (mice, keyboards, cameras,
and printers) can load the USB port. These devices
commonly connect to the port with cables, which can
add an inductive component to the load. This induc-
tance causes the output voltage at the USB port to ring
during a load step. The MAX1922 is capable of driving
inductive loads, but avoid exceeding the device’s
absolute maximum ratings. Usually the load inductance
is relatively small, and the MAX1922 input includes a
substantial bulk capacitance from an upstream regula-
tor as well as local bypass capacitors, limiting over-
shoot. If severe ringing occurs due to large load
inductance, clamp the MAX1922 output below 6V and
above -0.3V.
Figure 2. Typical Application Circuit
MAX1922
IN
OUTPUT
OUT
INPUT
1
μF
0.1
μF*
*USB SPECIFICATIONS REQUIRE
A HIGHER VALUE CAPACITOR.
OVERCURRENT
OUTPUT
ON
100k
Ω
OFF
GND
OC
EN
_______________________________________________________________________________________
7


Similar Part No. - MAX1922ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1922ESA MAXIM-MAX1922ESA Datasheet
711Kb / 8P
   1A Current-Limited Switch for 2 USB Ports
Rev 1; 12/02
More results

Similar Description - MAX1922ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1922 MAXIM-MAX1922 Datasheet
711Kb / 8P
   1A Current-Limited Switch for 2 USB Ports
Rev 1; 12/02
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
logo
Maxim Integrated Produc...
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
logo
Diodes Incorporated
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607_07 Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com