Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ32252R7ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ32252R7ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ32252R7ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ32252R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ32252R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
±10%
-□□□
85
105
5.60
8.5
1M
35
1M
82.00
SQ3225820KL□
1).□:Packaging information… A:Bulk B:Taping Reel
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
AR-001A
SQ3225391KL□
390.00
-□□□
-□□□
-□□□
2). "-
":Reference code
□□□
SQ3225561KL□
SQ3225471KL□
560.00
470.00
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SQ3225181KL□
SQ3225221KL□
SQ3225271KL□
SQ3225331KL□
SQ3225121KL□
SQ3225151KL□
SQ3225101KL□
180.00
270.00
330.00
220.00
120.00
150.00
100.00
14.80
10.20
11.80
22.00
28.00
25.00
16.50
7.00
9.20
6.50
5.0
796K
1M
46
46
46
1K
1K
796K
796K
5.0
5.0
1M
40
40
40
40
1M
1M
1M
40
40
40
1M
1M
1M
6.0
796K
796K
796K
796K
5.0
5.0
5.5
796K
796K
796K
7.5
7.0
8.0
60
50
40
45
48
55
100
65
65
60
55
75
70
80
80
70
65
75
95
86
SMD POWER INDUCTOR
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
Inductance
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
-□□□
15.00
SQ3225150KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SQ3225330KL□
SQ3225680KL□
SQ3225560KL□
SQ3225470KL□
SQ3225390KL□
SQ3225270KL□
SQ3225220KL□
SQ3225180KL□
33.00
56.00
68.00
47.00
39.00
22.00
27.00
18.00
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SQ32256R8ML□
SQ3225120KL□
SQ3225100KL□
SQ32258R2ML□
SQ32253R3ML□
SQ32254R7ML□
SQ32253R9ML□
SQ32255R6ML□
6.80
10.00
12.00
8.20
4.70
5.60
3.30
3.90
NAME
PROD.
REF :
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SQ32251R2ML□
SQ32251R8ML□
SQ32252R2ML□
SQ32252R7ML□
SQ32251R5ML□
SQ32251R0ML□
DWG No.
1.20
1.80
2.20
2.70
1.50
( µH )
1.00
0.20
0.25
0.28
0.40
0.36
0.65
1.00
0.70
0.45
1.30
1.85
1.60
3.20
3.00
3.80
2.00
1.10
16.0
1M
35
1M
40
1M
40
40
35
40
1M
1M
1M
1M
35
35
35
1M
1M
1M
12.0
1M
1M
1M
1M
1M
10.0
9.0
11.0
11.0
1M
1M
1M
14.0
13.0
15.0
20
1M
35
35
20
1M
1M
1M
20
20
20
20
1M
1M
1M
1M
25.0
1M
1M
1M
1M
20.0
18.0
23.0
1M
1M
1M
1M
31.0
28.0
38.0
35.0
180
270
152
130
138
146
165
160
220
240
120
110
105
96
115
155
130
170
540
490
580
420
440
390
290
320
280
220
200
260
400
330
360
300
0.10
SQ3225□□□□L□-□□□
( Ω )
RDC
0.12
max.
0.14
0.18
0.15
0.13
( Hz )
Test Freq
20
1M
20
20
20
20
1M
1M
1M
1M
20
Q
ref.
L
1M
100.0
1M
1M
1M
1M
1M
60.0
50.0
43.0
75.0
100.0
(MHz)
SRF
min.
Q
1M
ABC'S ITEM NO.
ABC'S DWG NO.
660
640
620
600
720
750
(mA)max.
T=40
△℃
Irms 2
580
480
560
520
430
600
(mA)max.
T=20
△℃
Irms 1
PAGE: 2
20080310-A


Similar Part No. - SQ32252R7ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ32252R7M2 ABC-SQ32252R7M2 Datasheet
488Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ32252R7ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com