Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1922 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1922
Description  1A Current-Limited Switch for 2 USB Ports
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1922 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1922_09 Datasheet HTML 1Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 2Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 3Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 4Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1922_09 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX1922 p-channel MOSFET power switch limits
output current to 1.4A min and 2.1A max. When the out-
put current increases beyond the current limit (ILIMIT),
the current also increases through the replica switch
(IOUT / 13000). The current-limit error amplifier com-
pares the voltage to the internal 1.24V reference and
regulates the current back to the ILIMIT (Figure 1).
These switches are not bidirectional; therefore, the
input voltage must be higher than the output voltage.
Continuous Short-Circuit Protection
The MAX1922 is a short-circuit-protected switch. In the
event of an output short-circuit condition, the current
through the switch is foldback-current-limited to 1A
continuous.
Thermal Shutdown
The MAX1922 has a thermal shutdown feature. The
switch turns off and the
OC output goes low immediate-
ly (no overcurrent blanking) when the junction tempera-
ture exceeds +165°C. When the MAX1922 cools 20°C,
the switch turns back on. If the fault short-circuit condi-
tion is not removed, the switch cycles on and off, result-
ing in a pulsed output.
OC Indicator
The MAX1922 provides an overcurrent output (
OC). A
100k
Ω pullup resistor from OC to IN provides a logic
control signal. This open-drain output goes low when
any of the following conditions occur:
• The input voltage is below the 2.4V undervoltage
lockout (UVLO) threshold.
• The die temperature exceeds the thermal shutdown
temperature limit of +165°C.
• The device is in current limit for greater than 10ms.
OC Blanking
The MAX1922 features 10ms overcurrent blanking.
Blanking allows brief current-limit faults, including
momentary short-circuit faults that occur when hot-
swapping a capacitive load, and ensures that no
OC is
issued during power-up. When a load transient causes
the device to enter current limit, an internal counter
starts. If the load fault persists beyond the 10ms over-
current blanking timeout, the
OC output asserts low.
Ensure that the MAX1922 input is adequately bypassed
to prevent input glitches from triggering spurious
OC
Pin Description
MAX1922
P
P
P
OUT
GND
1.24V
N
ON
CURRENT-LIMIT
AMPLIFIER
REPLICA
AMPLIFIER
ON
EN
HOT
IN
CONTROL
CIRCUITRY
OC
10ms
TIMER
Figure 1. Functional Diagram
1A Current-Limited Switch for 2 USB Ports
6
_______________________________________________________________________________________
PACKAGE
TDFN
SO
NAME
FUNCTION
6
1
GND
Ground
1, 3, 9
2, 3
IN
Input. p-channel MOSFET source—connect all IN pins together and bypass with a 1µF capacitor ground.
5
4
EN
Active-Low Switch Enable Input. A logic-low turns on the switch.
75
OC
Overcurrent-Indicator Output. This open-drain output goes low when the device is in thermal shutdown
or undervoltage lockout, or during a sustained (10ms) current-limit condition.
2, 4,
8, 10
6, 7,
8
OUT
Switch Output. p-channel MOSFET drain—connect all OUT pins together and bypass with a 0.1µF
capacitor to ground.
—EP
TDFN Only. Exposed paddle. Connect to the GND plane for optimum thermal dissipation. This does not
remove the requirement for a proper ground.


Similar Part No. - MAX1922_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1922ESA MAXIM-MAX1922ESA Datasheet
711Kb / 8P
   1A Current-Limited Switch for 2 USB Ports
Rev 1; 12/02
More results

Similar Description - MAX1922_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1922 MAXIM-MAX1922 Datasheet
711Kb / 8P
   1A Current-Limited Switch for 2 USB Ports
Rev 1; 12/02
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
logo
Maxim Integrated Produc...
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
logo
Diodes Incorporated
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607_07 Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com