Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1651CSA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1651CSA
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1651CSA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1651CSA Datasheet HTML 4Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 5Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 6Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 7Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 8Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 9Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 10Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 11Page - Maxim Integrated Products MAX1651CSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
8
_______________________________________________________________________________________
Modes of Operation
When delivering high output currents, the MAX1649/
MAX1651 operate in continuous-conduction mode. In
this mode, current always flows in the inductor, and
the control circuit adjusts the switch duty cycle to main-
tain regulation without exceeding the switch current
capability (Figure 3). This provides excellent load-tran-
sient response and high efficiency.
In discontinuous-conduction mode, current through the
inductor starts at zero, rises to a peak value, then
ramps down to zero. Although efficiency is still excel-
lent, the output ripple increases slightly, and the switch
waveform exhibits ringing (at the inductor's self-reso-
nant frequency). This ringing is to be expected and
poses no operational problems.
Dropout
The MAX1649/MAX1651 are in dropout when the input
voltage (V+) is low enough that the output drops below
the minimum output voltage specification (see
Electrical Characteristics). The dropout voltage is the
difference between the input and output voltage when
dropout
occurs.
See
the
Typical
Operating
Characteristics for the Dropout Voltage vs. Load
Current and Dropout Voltage vs. Temperature graphs.
__________________Design Procedure
Setting the Output Voltage
The MAX1649/MAX1651 are preset for 5V and 3.3V out-
put voltages, respectively; tie FB to GND for fixed-output
operation. They may also be adjusted from 1.5V (the
reference voltage) to the input voltage, using external
resistors R2 and R3 configured as shown in Figure 4. For
adjustable-output operation, 150k
Ω is recommended for
resistor R3—high enough to avoid wasting energy, yet
low enough to avoid RC delays caused by parasitic
capacitance at FB. R2 is given by:
VOUT
R2 = R3 x
(——— -1)
VREF
where VREF = 1.5V.
When using external resistors, it does no harm to con-
nect OUT and the output together, or to leave OUT
unconnected.
Current-Sense Resistor Selection
The current-sense resistor limits the peak switch cur-
rent to 110mV/RSENSE, where RSENSE is the value of
the current-sense resistor, and 110mV is the current-
limit trip level (see Electrical Characteristics).
V+ = 10V, ILOAD = 1.3A
CIRCUIT OF FIGURE 1, R1 = 75m
Ω
1.5A
0A
1A
2
μs/div
Figure 3. MAX1649 Continuous-Conduction Mode, Heavy
Load-Current Waveform (500mA/div)
(
)
MAX1649
MAX1651
V+
CS
GND
5
6
2
8
3
VIN
C2
330
μF
7
1
EXT
OUT
SHDN
4
C3
0.1
μF
C4
0.1
μF
C1
100
μF
R1
0.05
Ω
D1
1N5820
L1
47
μH
P1
Si9430
OUTPUT
@ 1.5A
REF
FB
R2
R3
150k
R2 = R3
VOUT
VREF
– 1
VREF = 1.5V
Figure 4. Adjustable-Output Operation


Similar Part No. - MAX1651CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1651CSA MAXIM-MAX1651CSA Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1651CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com