Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1775 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1775
Description  Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1775 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1775_09 Datasheet HTML 5Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 6Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 7Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 8Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 9Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 10Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 11Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 12Page - Maxim Integrated Products MAX1775_09 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Pin Description
PIN
NAME
FUNCTION
1
SHDNM
Shutdown for Main Regulator. A low voltage on SHDNM shuts off the main output. For normal
operation, connect SHDNM to IN.
2
SHDNC
Shutdown for Core Regulator. A low voltage on SHDNC shuts off the core output. For normal operation,
connect SHDNC to CVL.
3
PGND
Power Ground. Ground for NDRV and core output synchronous rectifier. Connect all grounds together
close to the IC.
4
NDRV
N-Channel Drive Output. Drives the main output synchronous rectifier MOSFET. NDRV swings between
CVL and PGND.
5
CVL
Low-Side Regulator Bypass. CVL is the output of an internal LDO regulator. This is the internal power
supply for the device control circuitry as well as the N-channel driver. Bypass CVL with a 1.0µF or
greater capacitor to GND. When CS- is above the CVL switchover threshold (2.47V), CVL is powered
from the main output.
6
IN
Power Supply Input
7
PDRV
P-Channel Drive Output. Drives the main output high-side MOSFET switch. PDRV swings between IN
and CVH. The voltage at CVH is regulated at VIN - 4.3V unless the input voltage is less than 5.5V.
8
CVH
High-Side Drive Bypass. CVH is the output of an internal LDO regulator with respect to VIN. This is the
low-side of the P-channel driver output. Bypass with a 1.0µF capacitor or greater to IN. When the input
voltage is less than +5.5V, CVH is switched to PGND.
9
REF
Reference Voltage Output. Bypass REF to GND with a 0.22µF or greater capacitor.
10
FBM
Main Output Feedback. Connect FBM to a resistive voltage-divider to set main output voltage between
+1.25V to +5.5V.
11
CS+
Main Regulator High-Side Current-Sense Input. Connect the sense resistor between CS+ and CS-.
This voltage is used to set the current limit and to turn off the synchronous rectifier when the inductor
current approaches zero.
12
CS-
Main Regulator Low-Side Current-Sense Input. Connect CS- to the main output.
13
FBC
Core Output Feedback. Connect FBC to a resistive voltage-divider to set core output between +1.0V to
+5.0V.
14
GND
Analog Ground
15
INC
Core Supply Input
16
LXC
Core Converter Switching Node
Dual-Output Step-Down
DC-DC Converter for PDA/Palmtop Computers
_______________________________________________________________________________________
9


Similar Part No. - MAX1775_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775EEE MAXIM-MAX1775EEE Datasheet
290Kb / 15P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
More results

Similar Description - MAX1775_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775 Datasheet
290Kb / 15P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Micro Linear Corporatio...
ML4866 MICRO-LINEAR-ML4866 Datasheet
248Kb / 8P
   3.3V Output DC-DC Step-Down Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com